Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPUD5011-150M Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TPUD5011-150M
Description  TPUD Wire-wound Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUD5011-150M Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TPUD5011-150M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUD5011-150M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUD5011-150M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUD5011-150M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPUD5011-150M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPUD5011-150M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
06 of 06
TPUD Wire-wound Power Inductor
Version 2010
Part Number: TPUD4006, TPUD4008
TPUD5011, TPUD5013
4R7
TPUD4006
Inductance
Code
Inductance
4R7
4.70µH
100
10.00µH
101
100.00µH
(TPUD4006, TPUD4008, TPUD5011, TPUD5013) How to Order
M
Tolerance
Code
Tolerance
M
20%
N
30%
(TPUD4011, TPUD4013) How to Order
Part Number: TPUD4011, TPUD4013
100
TPUD4011
Inductance
Code
Inductance
3R3
3.30µH
100
10.00µH
101
100.00µH
M
Tolerance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - SMT Wire-wound Power Inductors (TPUD)


Similar Part No. - TPUD5011-150M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU104 TOKEN-TPU104 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU105 TOKEN-TPU105 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU106 TOKEN-TPU106 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPUD5011-150M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47YTFQ SOCAY-SCWL252010R47YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
   Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
WI322522 SUPERWORLD-WI322522_15 Datasheet
260Kb / 5P
   Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
   Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com