Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3226-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3226-EVALZ
Description  750 MHz, 16 x 16 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3226-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADV3226-EVALZ Datasheet HTML 1Page - Analog Devices ADV3226-EVALZ Datasheet HTML 2Page - Analog Devices ADV3226-EVALZ Datasheet HTML 3Page - Analog Devices ADV3226-EVALZ Datasheet HTML 4Page - Analog Devices ADV3226-EVALZ Datasheet HTML 5Page - Analog Devices ADV3226-EVALZ Datasheet HTML 6Page - Analog Devices ADV3226-EVALZ Datasheet HTML 7Page - Analog Devices ADV3226-EVALZ Datasheet HTML 8Page - Analog Devices ADV3226-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADV3226/ADV3227
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = ±5 V, TA = +25°C, RL = 150 Ω, unless otherwise noted.
Table 1.
ADV3226
ADV3227
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
820
750
MHz
2 V p-p
600
750
MHz
Gain Flatness
0.1 dB, 2 V p-p
130
60
MHz
0.5 dB, 2 V p-p, CL = 2.2 pF
400
200
MHz
Propagation Delay
2 V p-p
0.6
0.6
ns
Settling Time
1%, 2 V step
3
3
ns
Slew Rate
2 V step, peak
2150
2950
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.04
0.02
%
Differential Phase Error
NTSC or PAL
0.01
0.01
Degrees
Crosstalk, All Hostile
f = 100 MHz
−45
−35
dB
f = 5 MHz
−75
−60
dB
Off Isolation, Input to Output
f = 100 MHz, one channel
−80
−75
dB
IMD2
f = 100 MHz, RL = 100 Ω
47
dBm
f = 500 MHz, RL = 100 Ω
22
dBm
IMD3
f = 100 MHz, RL = 100 Ω
42
dBm
f = 500 MHz, RL = 100 Ω
14
dBm
Output 1 dB Compression Point
f = 100 MHz, RL = 100 Ω
18
dBm
f = 500 MHz, RL = 100 Ω
9
dBm
Input Voltage Noise
0.01 MHz to 50 MHz
16
16
nV/√Hz
DC PERFORMANCE
Gain Error
0.1
1.0
0.4
1.5
%
Gain Matching
Channel-to-channel
1.0
1.5
%
Gain Temperature Coefficient
0.8
16
ppm/°C
OUTPUT CHARACTERISTICS
Output Resistance
DC, enabled
0.2
0.2
Ω
DC, disabled
10
5
Output Disabled Capacitance
2.7
2.7
pF
Output Leakage Current
Output disabled
1
1
μA
Output Voltage Range
No load
±3
±3
V
RL = 150 Ω
±2.8
±2.8
V
Short-circuit current
55
55
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
±5
±5
mV
Input Offset Voltage Drift
8
8
μV/°C
Input Voltage Range
No load
±3
±1.5
V
RL = 150 Ω
±3
±1.5
V
Input Capacitance
Any switch configuration
2.1
2.1
pF
Input Resistance
2
2
Input Bias Current
Any switch configuration
1
1
μA


Similar Part No. - ADV3226-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Similar Description - ADV3226-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com