Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24072T Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24072T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24072T Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24072T Datasheet HTML 3Page - Texas Instruments BQ24072T Datasheet HTML 4Page - Texas Instruments BQ24072T Datasheet HTML 5Page - Texas Instruments BQ24072T Datasheet HTML 6Page - Texas Instruments BQ24072T Datasheet HTML 7Page - Texas Instruments BQ24072T Datasheet HTML 8Page - Texas Instruments BQ24072T Datasheet HTML 9Page - Texas Instruments BQ24072T Datasheet HTML 10Page - Texas Instruments BQ24072T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1
2
3
4
12
11
10
9
ILIM
OUT
OUT
CHG
TS
BAT
BAT
CE
16 15 14 13
5
6
7
8
bq24075T
bq24079T
RGT
TOP VIEW
1
2
3
4
12
11
10
9
ILIM
OUT
OUT
CHG
TS
BAT
BAT
CE
16 15 14 13
5
6
7
8
bq24072T
bq24072T
bq24075T, bq24079T
www.ti.com
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
DEVICE INFORMATION
PIN DIAGRAM
Pin out designations are not final. Subject to change.
TERMINAL FUNCTIONS
PIN
NUMBER
NAME
I/O
bq24072T
bq24075T
DESCRIPTION
bq24079T
TS
1
1
I/O
External NTC Thermistor Input. Connect the TS input to the center tap of a resistor divider
from VIN to GND with the NTC in parallel with the bottom resistor to monitor the NTC in the
battery pack. For applications that do not utilize the TS function, set the resistor divider to
be a 20% ratio. See the Battery Pack Temperature Monitoring section for details on
calculating the resistor values.
BAT
2, 3
2, 3
I/O
Charger Power Stage Output and Battery Voltage Sense Input. Connect BAT to the positive
terminal of the battery. Bypass BAT to VSS with a 4.7mF to 47mF ceramic capacitor.
CE
4
4
I
Charge Enable Active-Low Input. Connect CE to a high logic level to place the battery
charger in standby mode. In standby mode, OUT is active and battery supplement mode is
available. Connect /CE to a low logic level to enable the battery charger. CE is internally
pulled down with ~285k
Ω. Do not leave CE unconnected to ensure proper operation.
EN2
5
5
I
Input Current Limit Configuration Inputs. Use EN1 and En2 to control the maximum input
current and enable USB compliance. See Table 1 for the description of the operation states.
EN1
6
6
I
EN1 and EN2 are internally pulled down with ~285k
Ω. Do not leave EN1 or EN2
unconnected to ensure proper operation.
PGOOD
7
7
O
Open-Drain Power Good Status Indication Output. PGOOD pulls to VSS when a valid input
source is detected. PGOOD is high-impedance when the input power is not within specified
limits. Connect PGOOD to the desired logic voltage rail using a 1k
Ω to 100kΩ resistor, or
use with an LED for visual indication.
VSS
8
8
Ground. Connect to the thermal pad and to the ground rail of the circuit.
CHG
9
9
O
Open-Drain Charging Status Indication Output. CHG pulls to VSS when the battery is
charging. CHG is high-impedance when charging is complete or when the charger is
disabled. CHG flashes to indicate a timer fault. Connect CHG to the desired logic voltage
rail using a 1k
Ω to 100kΩ resistor, or use with an LED for visual indication.
OUT
10, 11
10, 11
O
System Supply Output. OUT provides a regulated output when the input is below the OVP
threshold and above the regulation voltage. When the input is out of the operation range,
OUT is connected to VBAT except when SYSOFF is high. Connect OUT to the system load.
Bypass OUT to VSS with a 4.7mF to 47mF ceramic capacitor.
ILIM
12
12
O
Adjustable Current Limit Programming Input. Connect a 1.07k
Ω to 7.5kΩ resistor from ILIM
to VSS to program the maximum input current (EN2=1, EN1=0). The input current includes
the system load and the battery charge current. Leaving ILIM unconnected disables all
charging.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24072T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTT TI-BQ24072TRGTT Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24072T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com