Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256KM-12 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28HC256KM-12
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC256KM-12 Datasheet(HTML) 1 Page - Xicor Inc.

  X28HC256KM-12 Datasheet HTML 1Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 2Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 3Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 4Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 5Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 6Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 7Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 8Page - Xicor Inc. X28HC256KM-12 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
X28HC256
1
©Xicor, Inc. 1991, 1995 Patents Pending
Characteristics subject to change without notice
3859-2.8 8/5/97 T1/C0/D0 EW
5 Volt, Byte Alterable E2PROM
FEATURES
Access Time: 70ns
Simple Byte and Page Write
—Single 5V Supply
— No External High Voltages or VPP Control
Circuits
—Self-Timed
— No Erase Before Write
— No Complex Programming Algorithms
—No Overerase Problem
Low Power CMOS:
—Active: 60mA
—Standby: 500
µA
Software Data Protection
—Protects Data Against System Level
Inadvertent Writes
High Speed Page Write Capability
Highly Reliable Direct WriteCell
—Endurance: 100,000 Write Cycles
—Data Retention: 100 Years
Early End of Write Detection
DATA Polling
—Toggle Bit Polling
DESCRIPTION
The X28HC256 is a second generation high perfor-
mance CMOS 32K x 8 E2PROM. It is fabricated with
Xicor’s proprietary, textured poly floating gate tech-
nology, providing a highly reliable 5 Volt only nonvolatile
memory.
The X28HC256 supports a 128-byte page write opera-
tion, effectively providing a 24
µs/byte write cycle and
enabling the entire memory to be typically rewritten in
less than 0.8 seconds. The X28HC256 also features
DATA Polling and Toggle Bit Polling, two methods of
providing early end of write detection. The X28HC256
also supports the JEDEC standard Software Data Pro-
tection feature for protecting against inadvertent writes
during power-up and power-down.
Endurance for the X28HC256 is specified as a minimum
100,000 write cycles per byte and an inherent data
retention of 100 years.
256K
X28HC256
32K x 8 Bit
PIN CONFIGURATION
LCC
PLCC
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
4
3
2
1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
X28HC256
PLASTIC DIP
CERDIP
FLAT PACK
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X28HC256
A3
A4
A5
A6
A7
A12
A14
NC
VCC
NC
WE
A13
A8
A9
A11
OE
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A2
A1
A0
I/O0
I/O1
I/O2
NC
VSS
NC
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
3859 ILL F22
TSOP
3859 FHD F03
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3
X28HC256
3859 FHD F02


Similar Part No. - X28HC256KM-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256KM-12 INTERSIL-X28HC256KM-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256KM-12 INTERSIL-X28HC256KM-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256KM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com