Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24072TRGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # bq24072TRGTR
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24072TRGTR Datasheet(HTML) 4 Page - Texas Instruments

  bq24072TRGTR Datasheet HTML 1Page - Texas Instruments bq24072TRGTR Datasheet HTML 2Page - Texas Instruments bq24072TRGTR Datasheet HTML 3Page - Texas Instruments bq24072TRGTR Datasheet HTML 4Page - Texas Instruments bq24072TRGTR Datasheet HTML 5Page - Texas Instruments bq24072TRGTR Datasheet HTML 6Page - Texas Instruments bq24072TRGTR Datasheet HTML 7Page - Texas Instruments bq24072TRGTR Datasheet HTML 8Page - Texas Instruments bq24072TRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
bq24072T
bq24075T, bq24079T
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Over junction temperature range (0°C < TJ < 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VUVLO
Under-voltage lock-out
VIN: 0V → 4V
3.2
3.3
3.4
V
VHYS-
Hysteresis on UVLO
VIN: 4V → 0V
200
300
mV
UVLO
(Input power detected if VIN > VBAT + VIN-DT)
VIN-DT
Input power detection threshold
55
80
140
mV
VBAT = 3.6V, VIN: 3.5V → 4V
VHYS-INDT Hysteresis on VIN-DT
VBAT = 3.6V, VIN: 4V → 3.5V
20
mV
tDGL(PGOO Deglitch time, input power detected
Time measured from VIN: 0V → 5V,
1.2
ms
D)
status
1ms rise-time to PGOOD = LO
VOVP
Input overvoltage protection threshold
VIN: 5V
→ 7V
6.4
6.6
6.8
V
VHYS-OVP
Hysteresis on OVP
VIN: 7V
→ 5V
240
mV
tBLK(OVP)
Input over-voltage blanking time
50
ms
Time measured from VIN: 11V → 5V 1ms
tREC(OVP)
Input over-voltage recovery time
1.2
ms
fall-time to PGOOD = LO
ILIM, ISET SHORT CIRCUIT TEST
ISC
Current source
1.3
mA
VSC
520
mV
QUIESCENT CURRENT
IBAT(PDWN
Sleep current into BAT pin
CE = LO or HI, input power not detected, no load on OUT pin
6.5
mA
)
EN1= HI, EN2=HI, VIN ≤ 6V
50
IIN(STDBY)
Standby current into IN pin
mA
EN1= HI, EN2=HI, VIN > 6V
200
CE = LO, VIN = 6V, no load on OUT pin,
ICC
Active supply current, IN pin
1.5
mA
VBAT > VBAT(REG), (EN1,EN2)≠(HI,HI)
POWER PATH
VDO(IN-
VIN – VOUT
VIN = 4.3V, IIN = 1A, VBAT = 4.2V
300
475
mV
OUT)
VDO(BAT-
VBAT – VOUT
IOUT = 1A, VIN = 0V, VBAT > 3V
50
100
mV
OUT)
VIN > VOUT + VDO(IN-OUT) , VBAT< 3.2 V
3.3
3.4
3.5
OUT pin voltage regulation (bq24072T)
VBAT +
VBAT +
VBAT +
VIN > VOUT + VDO(IN-OUT) , VBAT ≥ 3.2 V
VO(REG)
150 mV 225 mV
270 mV
V
OUT pin voltage regulation (bq24075T,
VIN > VOUT + VDO(IN-OUT)
5.4
5.5
5.6
bq24079T)
EN1 = LO, EN2 = LO
90
95
100
mA
IIN-MAX
Maximum input current
EN1 = HI, EN2 = LO
450
475
500
mA
EN2 = HI, EN1 = LO
KILIM/RIL IM
A
ILIM
≥ 500mA
1500
1600
1700
KILIM
Maximum input current factor
A
200mA < ILIM < 500mA
1330
1512
1700
IIN-MAX
Programmable input current limit range
EN2 = HI, EN1 = LO, RILIM = 8kΩ to 1.1kΩ
200
1500
mA
Input voltage threshold when input
VIN-LOW
EN2 = LO, EN1 = X
4.35
4.5
4.63
V
current is reduced
VO(REG)
VO(REG)
VO(REG)
bq24072T
–100
Output voltage threshold when charging
–180 mV
–30 mV
VDPPM
V
mV
current is reduced
bq24075T, bq24079T
4.2
4.3
4.4
VBAT
VBSUP1
Enter battery supplement mode
VOUT falling, Supplement mode entered when VOUT < VBSUP1
V
40mV
VBAT
VBSUP2
Exit battery supplement mode
VOUT rising, Supplement mode exited when VOUT > VBSUP2
V
20mV
Output short-circuit detection threshold,
VO(SC1)
0.8
0.9
1.0
V
power-on
Output short-circuit detection threshold,
VO(SC2)
supplement mode VBAT – VOUT > VO(SC2)
200
250
300
mV
indicates short-circuit
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - bq24072TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24072TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com