Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2456 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2456
Description  Dual 12 V Protection / Blocking Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2456 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2456 Datasheet HTML 7Page - Texas Instruments TPS2456 Datasheet HTML 8Page - Texas Instruments TPS2456 Datasheet HTML 9Page - Texas Instruments TPS2456 Datasheet HTML 10Page - Texas Instruments TPS2456 Datasheet HTML 11Page - Texas Instruments TPS2456 Datasheet HTML 12Page - Texas Instruments TPS2456 Datasheet HTML 13Page - Texas Instruments TPS2456 Datasheet HTML 14Page - Texas Instruments TPS2456 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
OUTxshortedwhiledriving6.7 A load
Outputcapacitanceis47 F
m
620mV
675mV
Time-2ms/div
GAT1x,
10V/div
MONx,
1V/div
OUTx,
10V/div
OUTxshortedwhiledriving6.7 A load
Outputcapacitanceis47 F
m
620mV
Time-1 s/div
m
GAT1x,
10V/div
MONx,
1V/div
OUTx,
10V/div
GAT1x,
2V/div
OUTxstartingintoshortcircuit
675mV
MONx,
0.5V/div
OUTx,
20mV/div
2.9V
Time-1ms/div
GAT1x,
10V/div
OUTxoverloadedwhilesupplying6.7 A
970mV
MONx,
0.5V/div
OUTx,
10V/div
675mV
Time-1ms/div
TPS2456
www.ti.com
SLVSA78A – MARCH 2010 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
Figure 13. Short Circuit Under Full Load (6.7 A) Wide
Figure 14. Short Circuit Under Full Load (6.7 A) Zoom View
Figure 15. Startup into Short Circuit
Figure 16. Overloaded while Supplying 6.7 A
SYSTEM OPERATION
INTRODUCTION
The TPS2456 controls two 12-V channels, or power paths. The channels can draw from a single common
supply, or from two independent supplies. The following sections describe the TPS2456 operation and provide
guidance for designing systems around this device.
CONTROL LOGIC AND POWER-ON RESET
The TPS2456 circuitry draws bias power from any of the INx or OUTx pins through an internal preregulator that
generates VINT. A bypass capacitor from VINT to ground provides decoupling and output filtering for the internal
circuits. Bias supply ORing allows the internal circuitry to function regardless of which channels receive power or
are in a faulted state. The four external MOSFET drive pins (GAT1A, GAT1B, GAT2A, and GAT2B) are held low
during startup to ensure that the channels remain off. When the voltage on the internal VINT rail exceeds
approximately 1 V, the power-on reset (POR) circuit initializes the TPS2456 and allows normal operation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2456


Similar Part No. - TPS2456

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHH TI1-TPS2456ARHH Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHHR TI1-TPS2456ARHHR Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2456ARHHT TI1-TPS2456ARHHT Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
More results

Similar Description - TPS2456

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12 V Protection and Blocking Controller
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - February 2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
   Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
Rev 1 - January 2022
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
logo
JFW Industries, Inc.
75MS-037 JFW-75MS-037 Datasheet
37Kb / 2P
   2 x 12 BLOCKING SWITCH MATRIX
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
   High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
Rev 6 - May 2022
logo
EPCOS
B59585 EPCOS-B59585 Datasheet
69Kb / 4P
   Overcurrent Protection Leaded Disk, Uncoated, 12 V
logo
Nexperia B.V. All right...
PESD12VA-SF NEXPERIA-PESD12VA-SF Datasheet
254Kb / 11P
   Ultra small 12 V ESD protection device
17 March 2022
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com