Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685Q-3+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1685Q-3+
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685Q-3+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1685Q-3+ Datasheet HTML 1Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 2Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
5 of 34
PIN DESCRIPTIONS (continued)
PIN
DS1685
DS1687
PDIP,
SO,
TSSOP
PLCC
EDIP
NAME
FUNCTION
18
22
18
KS
Kickstart Input, Active Low. When VCC is removed from the
DS1685/DS1687, the system can be powered on in response to an active-
low transition on the
KS pin, as might be generated from a key closure.
VBAUX must be present and the auxiliary-battery enable bit (ABE) and kick-
start enable bit (KSE) must be set to 1 if the kickstart function is used, and
the
KS pin must be pulled up to the V
BAUX supply. While VCC is applied, the
KS pin can be used as an interrupt input. If not used, connect to V
CC, or to
VBAUX if VBAUX is used.
19
23
19
IRQ
Interrupt-Request Output, Open Drain, Active Low. The
IRQ pin is an
active-low output of the DS1685/DS1687 that can be connected to the
interrupt input of a processor. The
IRQ output remains low as long as the
status bit causing the interrupt is present and the corresponding interrupt-
enable bit is set. To clear the
IRQ pin, the application software must clear
all the enabled flag bits contributing to
IRQ’s active state asserted but
without asserting
CS latch addresses. However, no data transfer occurs.
20
24
VBAT
Battery Input for Any Standard 3V Lithium Cell or Other Energy Source.
Battery voltage must be held between 2.5V and 3.7V for proper operation.
VBAT must be grounded if not used. Diodes should not be placed between
VBAT and the battery. See “Conditions of Acceptability” at
www.maxim-ic.com/UL.
21
25
21
RCLR
RAM Clear Input, Active Low. If enabled by software, taking
RCLR low
clears the 242 bytes of user RAM to FFh. When enabled,
RCLR can be
activated whether or not VCC is present. The RCLR function is designed to
be used by a human interface (shorting to ground manually or by a switch)
and not to be driven with external buffers. This pin is internally pulled up.
Do not use an external pullup resistor on this pin.
22
26
22
VBAUX
Auxiliary Battery Input. Required for kickstart and wake-up features. This
input also supports clock/ calendar and user RAM if VBAT is at lower voltage
or is not present. A standard +3V lithium cell or other energy source can be
used. Battery voltage must be held between +2.5V and +3.7V for proper
operation. If VBAUX is not going to be used it should be grounded, and
Auxiliary-Battery Enable bit bank 1, register 4BH, should be written to 0.
See “Conditions of Acceptability” at www.maxim-ic.com/UL.
23
27
23
SQW
Square-Wave Output. The SQW pin provides a 32kHz square-wave output,
tREC, after a power-up condition has been detected. This condition sets the
following bits, enabling the 32kHz output; DV1 = 1, and E32K = 1. A square
wave is output on this pin if either SQWE = 1 or E32K = 1. If E32K = 1, then
32kHz is output regardless of the other control bits. If E32K = 0, then the
output frequency is dependent on the control bits in register A. The SQW
pin can output a signal from one of 13 taps provided by the 15 internal
divider stages of the RTC. The frequency of the SQW pin can be changed
by programming Register A as shown in Table 3. The SQW signal can be
turned on and off using the SQWE bit in register B or the E32K bit in
extended register 4Bh. A 32kHz SQW signal is output when the enable-
32kHz (E32K) bit in extended register 4Bh is a logic 1 and VCC is above
VPF. A 32kHz square wave is also available when VCC is less than VPF if
E32K = 1, ABE = 1, and voltage is applied to the VBAUX pin.
24
28
24
VCC
DC Power for Primary Power Supply. When VCC is applied within the
normal limits, the device sis fully accessible and data can be written and
read. When VCC is below VPF reads and writes are inhibited.


Similar Part No. - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685Q-3++ DALLAS-DS1685Q-3+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
DS1685Q-3+TR DALLAS-DS1685Q-3+TR Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
More results

Similar Description - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com