Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685Q-3+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1685Q-3+
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685Q-3+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1685Q-3+ Datasheet HTML 2Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1685Q-3+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
6 of 34
Figure 1. Block Diagram
OSCILLATOR CIRCUIT
The DS1685 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 1 specifies several crystal parameters for the external crystal, and Figure 2 shows a
functional schematic of the oscillator circuit. The oscillator is controlled by an enable bit in the control register.
Oscillator startup times are highly dependent upon crystal characteristics, PC board leakage, and layout. High ESR
and excessive capacitive loads are the major contributors to long startup times. A circuit using a crystal with the
recommended characteristics and proper layout usually starts within one second.
Power
Control
V
BAT
GND
OSC
BUS
Interface
V
CC
X1
X2
CS
WR
ALE
RD
AD0 - AD7
Divide
by 8
Divide by
64
Divide by
64
16:1 M ux
Square
W ave
Generator
Registers A, B,C,D
Clock/Calendar and
Alarm Registers
User Ram
114 Bytes
Clock/Calender
Update Logic
IR Q
SQW
RLC R
IRQ
Generator
Buffered Clock/
Calendar and Alarm
Registers
V
BAUX
Extended RAM Addr/
Data Registers
Extended Control/
Status Registers
64-Bit Serial Num ber
Century Counter
Date Alarm
RTC Address -2
RTC Address -3
Extended
User RAM
128 Bytes
RAM
Clear
Logic
DS1687 only
DS1687 only
Select
PW R
KS
DS1685/DS1687


Similar Part No. - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685Q-3++ DALLAS-DS1685Q-3+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
DS1685Q-3+TR DALLAS-DS1685Q-3+TR Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
More results

Similar Description - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com