Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25644V14I-1.8 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25644V14I-1.8
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25644V14I-1.8 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25644V14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 9Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 10Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 11Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 12Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X25644/46
X25324/26
X25164/66
9
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
7029 FRM T13
Symbol
Parameter
Voltage Range
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
2
1
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
500
1000
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tSU
Data Setup Time
2.7V–5.5V
1.8V–3.6V
50
ns
tH
Data Hold Time
2.7V–5.5V
1.8V–3.6V
50
ns
tRI
(3)
Input Rise Time
2.7V–5.5V
1.8V–3.6V
100
ns
tFI
(3)
Input Fall Time
2.7V–5.5V
1.8V–3.6V
100
ns
tCS
CS Deselect Time
2.7V–5.5V
1.8V–3.6V
500
ns
tWC
(4)
Write Cycle Time
2.7V–5.5V
1.8V–3.6V
10
ms
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
7029 FRM T12
5V
OUTPUT
100pF
5V
3.3K
RESET/RESET
30pF
1.64K
1.64K
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x0.5
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
7029 FRM T11
(2) This parameter is periodically sampled and not 100% tested.
Symbol
Test
Max.
Units
Conditions
COUT
(2)
Output Capacitance (SO, RESET/RESET)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V


Similar Part No. - X25644V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25644V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com