Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25644V14I-1.8 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25644V14I-1.8
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25644V14I-1.8 Datasheet(HTML) 5 Page - Xicor Inc.

  X25644V14I-1.8 Datasheet HTML 1Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 2Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 3Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 4Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25644V14I-1.8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X25644/46
X25324/26
X25164/66
5
0
1
2
3
4
5
6
7
8
9
10
20 21 22 23 24 25
26 27 28 29 30
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3
2
1
0
7029 FRM 03
For the Page Write Operation (byte or page write) to be
completed, CS can only be brought HIGH after bit 0 of the
last data byte to be written is clocked in. If it is brought
HIGH at any other time, the write operation will not be
completed (Figure 4).
To write to the Status Register, the WRSR instruction is
followed by the data to be written (Figure 5). Data bits 0
and 1 must be “0” .
While the write is in progress following a Status Register
or E2PROM Sequence, the Status Register may be read
to check the WIP bit. During this time the WIP bit will be
high.
RESET/RESET Operation
The RESET (X25xx4) output is designed to go LOW
whenever the Watchdog timer has reached its program-
mable time-out limit.
The RESET (X25xx6) output is designed to go HIGH
whenever the watchdog timer has reached its program-
mable time-out limit.
The RESET/RESET output is an open drain output and
requires a pull up resistor.
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on CS is required to enter an
active state and receive an instruction.
• SO pin is high impedance.
• The Write Enable Latch is reset.
• The Flag Bit is reset.
• Reset Signal is active for tPURST
Data Protection
The following circuitry has been included to prevent inad-
vertent writes:
• A WREN instruction must be issued to set the Write
Enable Latch.
• CS must come HIGH at the proper clock count in order
to start a nonvolatile write cycle.
Figure 1. Read E2PROM Array Sequence


Similar Part No. - X25644V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25644V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com