Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMG20JP10R Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMG20JP10R
Description  RMG20 TO-220 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG20JP10R Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMG20JP10R Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG20JP10R Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG20JP10R Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RMG20 TO-220 Power Resistors
Dimensions (Unit: mm)
Electrical Characteristics Specifications
W
D1
T
T1
T2
C
D
Type
W
H
T
T1
T2
B
B1
C
D
D1
RMG20 10.15~10.67 16.00~16.52 2.92~3.44 0.40~0.60 1.52~2.04 11.43~13.97 2.54~4.06 4.82~5.34 0.66~0.86 1.14~1.40
Resistance Range
Resistance Tolerance
TCR(PPM/°C)
0.05Ω~1Ω
±5.00%
±10.0%
-
2Ω~5Ω
±1.00%
±5.00%
±10.0%
±200
5Ω~10Ω
±1.00%
±5.00%
±10.0%
±100
±200
11Ω~10KΩ
±0.50%
±1.00%
±5.00%
±10.0%
±50
±100
±200
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC. Insulation Resistance: 10GΩmin.
Working Temperature Range:-65°C to +150°C. Resistance Value < 1Ω is Available
Power Derating Curve
Case Temperature (°C)
100
80
60
40
20
0
20
50
75
150
125
100
0
175
Derating Curve
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG20JP10R

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG100DP0R1 TOKEN-RMG100DP0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10K TOKEN-RMG100DP10K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10R TOKEN-RMG100DP10R Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP1K TOKEN-RMG100DP1K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DPD0R1 TOKEN-RMG100DPD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
More results

Similar Description - RMG20JP10R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
   35W TO-220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
   20W TO-220 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com