Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1N4148 Datasheet(HTML) 2 Page - NXP Semiconductors

Part No. 1N4148
Description  High-speed diodes
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

1N4148 Datasheet(HTML) 2 Page - NXP Semiconductors

  1N4148 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
2004 Aug 10
2
NXP Semiconductors
Product data sheet
High-speed diodes
1N4148; 1N4448
FEATURES
• Hermetically sealed leaded glass SOD27 (DO-35)
package
• High switching speed: max. 4 ns
• General application
• Continuous reverse voltage: max. 100 V
• Repetitive peak reverse voltage: max. 100 V
• Repetitive peak forward current: max. 450 mA.
APPLICATIONS
• High-speed switching.
DESCRIPTION
The 1N4148 and 1N4448 are high-speed switching diodes
fabricated in planar technology, and encapsulated in
hermetically sealed leaded glass SOD27 (DO-35)
packages.
MARKING
TYPE NUMBER
MARKING CODE
1N4148
1N4148PH or 4148PH
1N4448
1N4448
Fig.1
Simplified outline (SOD27; DO-35) and
symbol.
The diodes are type branded.
handbook, halfpage
MAM246
k
a
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
1N4148
hermetically sealed glass package; axial leaded; 2 leads
SOD27
1N4448


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn