Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25168V14I-1.8 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25168V14I-1.8
Description  V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25168V14I-1.8 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25168V14I-1.8 Datasheet HTML 4Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 9Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 10Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 11Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X25648/49, X25328/29, X25168/69
8
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
7036 FRM T09
POWER-UP TIMING
7036 FRM T10
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
7036 FRM T11
(2) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Typ.
Max.
ICC1
VCC Write Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ICC2
VCC Read Current (Active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ISB1
VCC Standby Current WDT=OFF
1
µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB2
VCC Standby Current WDT=ON
50
µA
CS = VCC, VIN = VSS or VCC, VCC = 5.5V
ISB3
VCC Standby Current WDT=ON
20
µA
CS = VCC, VIN = VSS or VCC, VCC =3.6V
ILI
Input Leakage Current
0.1
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
0.1
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCCx0.3
V
VIH
(1)
Input HIGH Voltage
VCCx0.7
VCC+0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW Voltage
0.4
V
2V < VCC ≤ 3.3V, IOL = 1mA
VOL3
Output LOW Voltage
0.4
V
VCC ≤ 2V, IOL = 0.5mA
VOH1
Output HIGH Voltage
VCC–0.8
V
VCC > 3.3V, IOH = –1.0mA
VOH2
Output HIGH Voltage
VCC–0.4
V
2V < VCC ≤ 3.3V, IOH = –0.4mA
VOH3
Output HIGH Voltage
VCC–0.2
V
VCC ≤ 2V, IOH = –0.25mA
VOLRS
Reset Output LOW Voltage
0.4
V
IOL = 1mA
Symbol
Parameter
Min.
Max.
Units
tPUR
(2)
Power-up to Read Operation
1
ms
tPUW
(2)
Power-up to Write Operation
5
ms
Symbol
Test
Max.
Units
Conditions
COUT
(2)
Output Capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ........................–65
°Cto+135°C
Storage Temperature .............................–65
°C to +150°C
Voltage on any Pin with Respect to VSS....... –1.0V to +7V
D.C. Output Current ....................................................5mA
Lead Temperature (Soldering, 10 seconds)............ 300
°C
RECOMMENDED OPERATING CONDITIONS
7036 FRM T07
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
7036 FRM T08
Temp
Min.
Max.
Commercial
0
°C
70
°C
Industrial
–40
°C
+85
°C
Supply Voltage
Limits
X25XXX–1.8
1.8V-3.6V
X25XXX–2.7
2.7V to 5.5V
X25XXX
4.5V-5.5V


Similar Part No. - X25168V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160F ICMIC-X25160F Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FP ICMIC-X25160FP Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FV ICMIC-X25160FV Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25168V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com