Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25168V14I-1.8 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25168V14I-1.8
Description  V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25168V14I-1.8 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25168V14I-1.8 Datasheet HTML 5Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 6Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 9Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 10Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 11Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 12Page - Xicor Inc. X25168V14I-1.8 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25648/49, X25328/29, X25168/69
9
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
7036 FRM T13
Symbol
Parameter
Voltage Range
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
2
1
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
500
1000
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
250
500
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
200
400
ns
tSU
Data Setup Time
2.7V–5.5V
1.8V–3.6V
50
ns
tH
Data Hold Time
2.7V–5.5V
1.8V–3.6V
50
ns
tRI
(3)
Input Rise Time
2.7V–5.5V
1.8V–3.6V
100
ns
tFI
(3)
Input Fall Time
2.7V–5.5V
1.8V–3.6V
100
ns
tCS
CS Deselect Time
2.7V–5.5V
1.8V–3.6V
500
ns
tWC
(4)
Write Cycle Time
2.7V–5.5V
1.8V–3.6V
10
ms
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
7036 FRM T12
5V
OUTPUT
100pF
5V
3.3K
RESET/RESET
30pF
1.64K
1.64K
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x0.5


Similar Part No. - X25168V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160F ICMIC-X25160F Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FP ICMIC-X25160FP Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160FV ICMIC-X25160FV Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25168V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com