Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS70SB84 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS70SB84
Description  Schottky barrier (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1PS70SB84 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS70SB84 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2001 Jan 18
3
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
1PS70SB82; 1PS70SB84;
1PS70SB85; 1PS70SB86
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
Note
1.
Refer to (SOT323; SC-70) standard mounting conditions.
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
Note
1.
Pulsed test: tp = 300 μs; δ = 0.02.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
15
V
IF
continuous forward current
30
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.6
IF = 1 mA
340
mV
IF = 30 mA
700
mV
rD
differential diode forward resistance
f = 1 MHz; IF = 5 mA; see Fig.9
12
Ω
IR
continuous reverse current
VR = 1 V; note 1; see Fig.7
0.2
μA
Cd
diode capacitance
VR = 0; f = 1 MHz; see Fig.8
1
pF


Similar Part No. - 1PS70SB84

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1PS70SB84 KEXIN-1PS70SB84 Datasheet
45Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
1PS70SB84 NXP-1PS70SB84 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS70SB84 NEXPERIA-1PS70SB84 Datasheet
277Kb / 8P
   Schottky barrier (double) diodes
2001 Jan 18
More results

Similar Description - 1PS70SB84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com