Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMG50FTD10K Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMG50FTD10K
Description  RMG50 To-Style Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG50FTD10K Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMG50FTD10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG50FTD10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG50FTD10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RMG50 To-Style Power Resistors
Dimensions (Unit: mm)
Electrical Characteristics Specifications
Power Derating Curve
W
D1
T
T1
T2
C
D
Type
W
H
T
T1
T2
B
B1
C
D
D1
RMG50 10.15~10.67 16.00~16.52 2.92~3.44 0.40~0.60 1.52~2.04 11.43~13.97 2.54~4.06 4.82~5.34 0.66~0.86 1.14~1.40
Resistance Range
Resistance Tolerance
TCR(PPM/°C)
0.05Ω~1Ω
±5.00%
±10.0%
-
2Ω~5Ω
±1.00%
±5.00%
±10.0%
±200
5Ω~10Ω
±1.00%
±5.00%
±10.0%
±100
±200
11Ω~10KΩ
±0.50%
±1.00%
±5.00%
±10.0%
±50
±100
±200
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC
Insulation Resistance: 10GΩmin. Working Temperature Range:-65°C to +150°C
Resistance Value < 1Ω is Available
Case Temperature (°C)
100
80
60
40
20
0
25
50
75
150
125
100
0
175
Derating Curve
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - RMG50FTD10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG100DP0R1 TOKEN-RMG100DP0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10K TOKEN-RMG100DP10K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10R TOKEN-RMG100DP10R Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP1K TOKEN-RMG100DP1K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DPD0R1 TOKEN-RMG100DPD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
More results

Similar Description - RMG50FTD10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG35DTD0R1 TOKEN-RMG35DTD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG30DTD0R1 TOKEN-RMG30DTD0R1 Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
UNIOHM CORPORATION
CR-25S UNIOHM-CR-25S Datasheet
1,022Kb / 1P
   Miniature Style Resistors
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
   MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
   TO-247 style power package
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com