Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPU52-331K Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TPU52-331K
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU52-331K Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TPU52-331K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPU52-331K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
06 of 16
TPU42 SMT Power Inductors
Version 2010
(TPU42) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU42 - 1R0M
1.00
100
0.03
3.50
TPU42 - 1R2M
1.20
100
0.03
3.20
TPU42 - 1R5M
1.50
100
0.04
3.00
TPU42 - 1R8M
1.80
100
0.05
2.80
TPU42 - 2R2M
2.20
100
0.06
2.40
TPU42 - 2R7M
2.70
100
0.07
2.1
TPU42 - 3R3M
3.30
100
0.09
1.95
TPU42 - 4R7M
4.70
100
0.12
1.60
TPU42 - 5R6M
5.60
100
0.14
1.50
TPU42 - 6R8M
6.80
100
0.17
1.40
TPU42 - 8R2M
8.20
100
0.21
1.30
TPU42 - 100K
10.00
100
0.23
1.20
TPU42 - 120K
12.00
100
0.30
1.10
TPU42 - 150K
15.00
100
0.36
1.00
TPU42 - 180K
18.00
100
0.47
0.90
TPU42 - 220K
22.00
100
0.52
0.80
TPU42 - 270K
27.00
100
0.68
0.70
TPU42 - 330K
33.00
100
0.79
0.65
TPU42 - 390K
39.00
100
0.97
0.60
TPU42 - 470K
47.00
100
1.11
0.55
TPU42 - 560K
56.00
100
1.44
0.50
TPU42 - 680K
68.00
100
1.61
0.40
TPU42 - 820K
82.00
100
2.03
0.35
TPU42 - 101K
100.00
1
2.37
0.32
TPU42 - 121K
120.00
1
3.29
0.30
TPU42 - 151K
150.00
1
3.7
0.27
TPU42 - 181K
180.00
1
5.11
0.25
TPU42 - 221K
220.00
1
5.7
0.22
TPU42 - 271K
270.00
1
6.51
0.20
TPU42 - 331K
330.00
1
9.62
0.19
TPU42 - 391K
390.00
1
10.75
0.18
TPU42 - 471K
470.00
1
10.22
0.15
Note: Test Freq. L: 1.0-82uH at 100KHz / 0.25V.Above in the 100uH at 1KHz / 0.3V.
Operating Temp.: -40°C ~ +85°C.
Inductane Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU52-331K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU5022DF TOKEN-TPU5022DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-100M TOKEN-TPU5022DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-101M TOKEN-TPU5022DF-101M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-102M TOKEN-TPU5022DF-102M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-150M TOKEN-TPU5022DF-150M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPU52-331K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com