Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALFTR0204R10K Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCALFTR0204R10K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALFTR0204R10K Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCALFTR0204R10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALFTR0204R10K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
02 of 11
Normal Form & Short Form
F Forming
TCALN0204
TCALN0307,TCALN0410,TALN0510
A
B
C
C
D
A
C
D
E
B
E
A
Type
Φ A(max)
B(max)
C ± 3.0
Φ D ± 0.05
E ± 1.5
TCALN0204
2.8
5.0
29.5
0.50
62.5
TCALS0204
2.8
5.0
16.0
0.50
36.5
TCALN0307
3.0
7.0
28.0
0.50
62.5
TCALS0307
3.0
7.0
15.0
0.50
36.5
TCALN0410
4.0
10.0
26.0
0.65
62.5
TCALS0410
4.0
10.0
14.0
0.65
36.5
TCALN0510
5.0
10.0
26.0
0.65
62.5
TCALS0510
5.0
10.0
14.0
0.65
36.5
TCALFB0204
TCALFB0307,TCALFB0410
TCALFB0510
W
D
B
C
A
W
D
B
C
A
Sym.
TCALFB0204
TCALFB0307
TCALFB0410
TCALFB0510
A (max)
2.80
3.00
4.00
5.00
B (max)
5.00
7.00
10.00
10.00
C (max)
6.00
6.00
6.00
6.00
D (min)
3.60
3.60
4.00
4.00
W ± 0.05
0.50 Φ
0.50 Φ
0.65 Φ
0.65 Φ
Version 2010
TCAL Through Hole Fixed Inductors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCALFTR0204R10K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALFTR0204R10K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com