Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALSTB0204R10K Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCALSTB0204R10K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALSTB0204R10K Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCALSTB0204R10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALSTB0204R10K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
04 of 11
(Axial Lead Type) Dimensions of Tape & Reel
(Axial Lead Type) Packing Unit for Reel
Label
R
K
T(T’)
W(W’)
C
A
G
E
F
D
A’
D’
Sym.
Dimensions
Sym.
Dimensions
Sym.
Dimensions
A
52.00 ± 1.50
E
0.00 ± 0.50
T’
45.00 ± 0.50
A’
26.00 ± 1.50
F
1.00 (max)
W
76.00 ± 0.50
B
5.00 ± 0.50
G
1.00 (max)
W’
50.00 ± 0.50
C
6.00 ± 1.00
K
355.00 ± 0.50
D
26.00 ± 0.50
R
15.00 ± 0.50
D’
13.00 ± 0.50
T
71.00 ± 0.50
Item
TCAL0204
TCAL0307
TCAL0410
TCAL0510
Q’ TY/ Reel
5,000 PCS
5,000 PCS
5,000 PCS
3,000 PCS
GW/Reel (Approx.)
1.4 Kgm
1.6 Kgm
2.0 Kgm
2.0 Kgm
Q’ TY/CTN.
25,000 PCS
25,000 PCS
25,000 PCS
15,000 PCS
NW/CTN. (Approx.)
7.0 Kgm
8.0 Kgm
10.0 Kgm
10.0 Kgm
GW/CTN. (Approx.)
8.0 Kgm
9.0 Kgm
11.0 Kgm
11.0 Kgm
Carton Size (mm)
397 × 397 × 479
397 × 397 × 479
397 × 397 × 479
397 × 397 × 479
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCALSTB0204R10K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALSTB0204R10K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com