Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMG30KTF10K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RMG30KTF10K
Description  RMG30 TO-Style Power-Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG30KTF10K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RMG30KTF10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG30KTF10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG30KTF10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RMG30 TO-Style Power-Film Resistors
Preview
A wide range of TO-style power film resistors that are
designed for use in power electronic circuits such as
snubbers, current limiting, loads, current sensing and
other power resistor applications, is available from Token
Components.
Their compact heatsink-mountable construction ensures that
they are ideal for high-power-density applications, and the
noninductive form allows these TO-style resistors to operate
at up to 30 Watt at 25°C case temperature.
RMG30 Series values as low as 0.05Ω make them particularly
suited for current sensing applications with Pb-free Terminations Meet RoHS Requirments.
The resistance range of these resistors is from 0.05Ω to 10KΩ and tolerances are standard at 1% for most
resistance values, although 5% tolerances are available.
Many standard values are available from Token. Contact us with your specific needs.
TO-Style Power-Film Resistors - RMG30 Series
Take on Transistor Outlines
To-Style
Power-Film Resistors
Features
- 30 Watt at 25°C Case Temperature Heat Sink Mounted.
- Isolated Case, Non Inductive, TO-220 Style Power Package.
- Single Screw Mounting to Heat Sink, Molded Case for Protection and Easy to Mount.
Applications
- Gate Resistors in Power Supplies, Terminal Resistance in RF Power Amplifiers.
- UPS, Snubbers, Voltage Regulation, Low Energy Pulse Loading, Load and Dumping Resistors in
CRT Monitors.
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - RMG30KTF10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG35DP0R1 TOKEN-RMG35DP0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP10K TOKEN-RMG35DP10K Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP10R TOKEN-RMG35DP10R Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP1K TOKEN-RMG35DP1K Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DPD0R1 TOKEN-RMG35DPD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
More results

Similar Description - RMG30KTF10K

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Token Electronics Indus...
RMG50DTD0R1 TOKEN-RMG50DTD0R1 Datasheet
383Kb / 3P
   RMG50 To-Style Power Resistors
RMG35DTD0R1 TOKEN-RMG35DTD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
   TO-126 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com