Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCB4F-617DB1643 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCB4F-617DB1643
Description  Balun Transformer General Information
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCB4F-617DB1643 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCB4F-617DB1643 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1643 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
02 of 21
Balun Transformer General Information
Insertion Loss (dB)
Loss due to transmission from primary dot port to secondary dot port and secondary port. Most balun
transformers are symmetrical through their central horizontal axis, therefore, an input can be applied at
the primary dot port or the primary port with differential outputs at the secondary dot and secondary ports.
Basics of Broadband Transformers
There are two kinds of broadband transformers. One is known as a conventional type, which has separate
primary and secondary windings, as do power and audio transformers. The other type is called a
transmission-line transformer. It is believed that the latter variety is the most efficient of the two.
Transmission-line transformers are wound with twisted or parallel windings and produce specific
integers of impedance transformation, such as 4:1, 9:1, and 16:1. Conventional transformers permit
you to obtain any transformation ratio you need.
Version 2010
Applications of Balun Transformers
In a balun transformer, one pair of terminals is balanced, that is, the currents are equal in magnitude and
opposite in phase. The other pair of terminals is unbalanced; one side is connected to electrical ground
and the other carries the signal. Balun transformers can be used between various parts of a wireless or
cable communications system. Some common applications denotes as following:
● Television receiver (Balanced) - coaxial cable network or Coaxial antenna system (Unbalanced)
● FM broadcast receiver (Balanced) - Coaxial antenna system (Unbalanced)
● Dipole antenna (Balanced) - Coaxial transmission line (Unbalanced)
● Parallel-wire transmission line (Balanced) - Coaxial transmitter output, or Coaxial receiver input
(Unbalanced)
Token’s baluns provide impedance transformation in addition to conversion between balanced and
unbalanced signal modes. Most television and FM broadcast receivers are designed for 300-ohm
balanced systems, while coaxial cables have characteristic impedances of 50 or 75 ohms.
Impedance-transformer baluns with larger ratios are available and used to match high-impedance
balanced antennas to low-impedance unbalanced wireless receivers, transmitters, or transceivers.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCB4F-617DB1643

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Stackpole Electronics, ...
TCB SEI-TCB Datasheet
235Kb / 4P
   Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
logo
Toshiba Semiconductor
TCB001FNG TOSHIBA-TCB001FNG Datasheet
787Kb / 27P
   CDMOS Linear Integrated Circuit Silicon Monolithic
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
   Maximum Power 45W BTL x 4-ch Audio Power IC
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TCB4F-617DB1643

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2155NL PULSE-CX2155NL Datasheet
115Kb / 1P
   BALUN TRANSFORMER
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
   BALUN TRANSFORMER
logo
Raltron Electronics Cor...
RBL-5400-2012-W-TR RALTRON-RBL-5400-2012-W-TR Datasheet
224Kb / 3P
   BALUN TRANSFORMER
logo
LinkCom Manufacturing C...
LRT1236-50R LINKCOM-LRT1236-50R Datasheet
84Kb / 1P
   Balun Transformer
logo
SJM Prewell. All Rights...
PBI21S SJM-PBI21S Datasheet
339Kb / 2P
   Transformer / Balun
PB411C SJM-PB411C Datasheet
267Kb / 3P
   Transformer /Balun
PBR11S SJM-PBR11S Datasheet
341Kb / 2P
   Transformer /Balun
PB1T1A SJM-PB1T1A Datasheet
266Kb / 2P
   Transformer / Balun
PBI11S SJM-PBI11S Datasheet
335Kb / 2P
   Transformer /Balun
logo
Pulse A Technitrol Comp...
CX2045LNL PULSE-CX2045LNL Datasheet
153Kb / 2P
   BALUN TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com