Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64K-12 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X28HC64K-12
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC64K-12 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X28HC64K-12 Datasheet HTML 6Page - Xicor Inc. X28HC64K-12 Datasheet HTML 7Page - Xicor Inc. X28HC64K-12 Datasheet HTML 8Page - Xicor Inc. X28HC64K-12 Datasheet HTML 9Page - Xicor Inc. X28HC64K-12 Datasheet HTML 10Page - Xicor Inc. X28HC64K-12 Datasheet HTML 11Page - Xicor Inc. X28HC64K-12 Datasheet HTML 12Page - Xicor Inc. X28HC64K-12 Datasheet HTML 13Page - Xicor Inc. X28HC64K-12 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
X28HC64
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X28HC64 ..................................... –10
°C to +85°C
X28HC64I, X28HC64M ............. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3857 PGM T02.1
Supply Voltage
Limits
X28HC64
5V
±10%
3857 PGM T03.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
Test Conditions
ICC
VCC Current (Active)
15
40
mA
CE = OE = VIL, WE = VIH, All
(TTL Inputs)
I/O’s = Open, Address Inputs =
TTL Levels @ f = 10 MHz
ISB1
VCC Current (Standby)
1
2
mA
CE = VIH, OE = VIL
(TTL Inputs)
All I/O’s = Open, Other Inputs = VIH
ISB2
VCC Current (Standby)
100
200
µA
CE = VCC – 0.3V, OE = GND
(CMOS Inputs)
All I/O’s = Open, Other Inputs =
VCC – 0.3V
ILI
Input Leakage Current
±10
µAVIN = VSS to VCC
ILO
Output Leakage Current
±10
µAVOUT = VSS to VCC, CE = VIH
VlL(2)
Input LOW Voltage
–1
0.8
V
VIH(2)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 5mA
VOH
Output HIGH Voltage
2.4
V
IOH = –5mA
3857 PGM T04.2
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage
(2) VIL min. and VIH max. are for reference only and are not tested.


Similar Part No. - X28HC64K-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64KI-12 INTERSIL-X28HC64KI-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KI-70 INTERSIL-X28HC64KI-70 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KI-90 INTERSIL-X28HC64KI-90 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KM-12 INTERSIL-X28HC64KM-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64KM-70 INTERSIL-X28HC64KM-70 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64K-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com