Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPWCH05MT181 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TCPWCH05MT181
Description  Balun Transformer General Information
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCPWCH05MT181 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TCPWCH05MT181 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCPWCH05MT181 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TCB4F SMD Balun Transformers
07 of 21
(TCB4F - 617DB) Typical Characteristics C
Version 2010
TCB4F - 617DB-1643 (50Ω:50Ω )
0
1
2
3
4
5
6
7
8
9
10
3000
1000
100
10
1
Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10
3000
1000
100
10
1
Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10
3000
1000
100
10
1
Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10
3000
1000
100
10
1
Frequency (MHz)
TCB4F - 617DB-1645 (50Ω:50Ω )
TCB4F - 617DB-1644 (50Ω:50Ω )
TCB4F - 617DB-1646 (50Ω:50Ω )
(TCB4F - 617PT) Electrical Characteristics
Part Number
Winding Turns
1-2=2-3=4-6
μiac
TCB4F - 617PT1667
2T
300
TCB4F - 617PT1669
3T
300
TCB4F - 617PT1699
4T
300
TCB4F - 617PT1664
5T
300
(TCB4F - 617PT) Test Circuit
Port3
Port1
Port2
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCPWCH05MT181

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCPWCH05MT181 TOKEN-TCPWCH05MT181 Datasheet
391Kb / 6P
   TCPWC EMI Filters SMD Choke
More results

Similar Description - TCPWCH05MT181

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2155NL PULSE-CX2155NL Datasheet
115Kb / 1P
   BALUN TRANSFORMER
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
   BALUN TRANSFORMER
logo
Raltron Electronics Cor...
RBL-5400-2012-W-TR RALTRON-RBL-5400-2012-W-TR Datasheet
224Kb / 3P
   BALUN TRANSFORMER
logo
LinkCom Manufacturing C...
LRT1236-50R LINKCOM-LRT1236-50R Datasheet
84Kb / 1P
   Balun Transformer
logo
SJM Prewell. All Rights...
PBI21S SJM-PBI21S Datasheet
339Kb / 2P
   Transformer / Balun
PB411C SJM-PB411C Datasheet
267Kb / 3P
   Transformer /Balun
PBR11S SJM-PBR11S Datasheet
341Kb / 2P
   Transformer /Balun
PB1T1A SJM-PB1T1A Datasheet
266Kb / 2P
   Transformer / Balun
PBI11S SJM-PBI11S Datasheet
335Kb / 2P
   Transformer /Balun
logo
Pulse A Technitrol Comp...
CX2045LNL PULSE-CX2045LNL Datasheet
153Kb / 2P
   BALUN TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com