Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PA1576 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PA1576
Description  PNP general-purpose transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PA1576 Datasheet(HTML) 3 Page - NXP Semiconductors

  2PA1576 Datasheet HTML 1Page - NXP Semiconductors 2PA1576 Datasheet HTML 2Page - NXP Semiconductors 2PA1576 Datasheet HTML 3Page - NXP Semiconductors 2PA1576 Datasheet HTML 4Page - NXP Semiconductors 2PA1576 Datasheet HTML 5Page - NXP Semiconductors 2PA1576 Datasheet HTML 6Page - NXP Semiconductors 2PA1576 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2PA1576_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
3 of 7
NXP Semiconductors
2PA1576
PNP general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
IE =0 A; VCB = −30 V
-
-
−100
nA
IE =0 A; VCB = −30 V;
Tj = 150 °C
--
−5
μA
IEBO
emitter-base
cut-off current
IC =0 A; VEB = −4V
-
-
−100
nA
hFE
DC current gain
IC = −1mA; VCE = −6V
2PA1576Q
120
-
270
2PA1576R
180
-
390
2PA1576S
270
-
560
VCEsat
collector-emitter
saturation
voltage
IC = −50 mA;
IB = −5mA
[1] --
−500
mV
Cc
collector
capacitance
IE =ie =0 A;
VCB = −12 V; f = 1 MHz
-2.5
3.5
pF
fT
transition
frequency
IC = −2mA;
VCE = −12 V;
f = 100 MHz
100
--MHz


Similar Part No. - 2PA1576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1576 PHILIPS-2PA1576 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
logo
Guangdong Kexin Industr...
2PA1576 KEXIN-2PA1576 Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
Nexperia B.V. All right...
2PA1576 NEXPERIA-2PA1576 Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
logo
Guangdong Kexin Industr...
2PA1576Q KEXIN-2PA1576Q Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576Q PHILIPS-2PA1576Q Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
More results

Similar Description - 2PA1576

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com