Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PA1774RM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2PA1774RM
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PA1774RM Datasheet(HTML) 6 Page - NXP Semiconductors

  2PA1774RM Datasheet HTML 1Page - NXP Semiconductors 2PA1774RM Datasheet HTML 2Page - NXP Semiconductors 2PA1774RM Datasheet HTML 3Page - NXP Semiconductors 2PA1774RM Datasheet HTML 4Page - NXP Semiconductors 2PA1774RM Datasheet HTML 5Page - NXP Semiconductors 2PA1774RM Datasheet HTML 6Page - NXP Semiconductors 2PA1774RM Datasheet HTML 7Page - NXP Semiconductors 2PA1774RM Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2004 Feb 19
6
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PA1774M series
PACKAGE OUTLINE
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1


Similar Part No. - 2PA1774RM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1774RM PHILIPS-2PA1774RM Datasheet
70Kb / 8P
   PNP general purpose transistor
2004 Feb 19
logo
Nexperia B.V. All right...
2PA1774RM NEXPERIA-2PA1774RM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
2PA1774RM NEXPERIA-2PA1774RM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
logo
NXP Semiconductors
2PA1774RMB NXP-2PA1774RMB Datasheet
332Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1-23 March 2012
logo
Nexperia B.V. All right...
2PA1774RMB NEXPERIA-2PA1774RMB Datasheet
988Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results

Similar Description - 2PA1774RM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com