Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PB709AQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PB709AQ
Description  PNP general purpose transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709AQ Datasheet(HTML) 3 Page - NXP Semiconductors

  2PB709AQ Datasheet HTML 1Page - NXP Semiconductors 2PB709AQ Datasheet HTML 2Page - NXP Semiconductors 2PB709AQ Datasheet HTML 3Page - NXP Semiconductors 2PB709AQ Datasheet HTML 4Page - NXP Semiconductors 2PB709AQ Datasheet HTML 5Page - NXP Semiconductors 2PB709AQ Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999 Apr 23
3
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PB709A
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −45 V
−10
nA
IE = 0; VCB = −45 V; Tj = 150 °C
−5
μA
IEBO
emitter cut-off current
IC = 0; VEB = −5 V
−10
nA
hFE
DC current gain
IC = −2 mA; VCE = −10 V
2PB709AQ
160
260
2PB709AR
210
340
2PB709AS
290
460
VCEsat
collector-emitter saturation
voltage
IC = −100 mA; IB = −10 mA; note 1
−500
mV
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz
5
pF
fT
transition frequency
IC = −1 mA; VCE = −10 V; f = 100 MHz
2PB709AQ
60
MHz
2PB709AR
70
MHz
2PB709AS
80
MHz


Similar Part No. - 2PB709AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709AQ PHILIPS-2PB709AQ Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 23
logo
Nexperia B.V. All right...
2PB709AQ NEXPERIA-2PB709AQ Datasheet
281Kb / 7P
   PNP general purpose transistor
1999 Apr 23
logo
Guangdong Kexin Industr...
2PB709AQW KEXIN-2PB709AQW Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PB709AQW NXP-2PB709AQW Datasheet
106Kb / 6P
   PNP general purpose transistor
2002 Jun 26
logo
Nexperia B.V. All right...
2PB709AQW NEXPERIA-2PB709AQW Datasheet
283Kb / 7P
   PNP general purpose transistor
2002 Jun 26
More results

Similar Description - 2PB709AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com