Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64JI-12 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28HC64JI-12
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC64JI-12 Datasheet(HTML) 1 Page - Xicor Inc.

  X28HC64JI-12 Datasheet HTML 1Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 2Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 3Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 4Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 5Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 6Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 7Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 8Page - Xicor Inc. X28HC64JI-12 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
X28HC64
1
64K
X28HC64
8K x 8 Bit
5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3857-3.0 8/5/97 T1/C0/D0 EW
FEATURES
55ns Access Time
Simple Byte and Page Write
—Single 5V Supply
—No External High Voltages or VPP Control
Circuits
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
Low Power CMOS
—40 mA Active Current Max.
—200
µA Standby Current Max.
Fast Write Cycle Times
—64 Byte Page Write Operation
—Byte or Page Write Cycle: 2ms Typical
—Complete Memory Rewrite: 0.25 sec. Typical
—Effective Byte Write Cycle Time: 32
µs Typical
Software Data Protection
End of Write Detection
DATA Polling
—Toggle Bit
PIN CONFIGURATIONS
3857 FHD F03
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
4321 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
X28HC64
LCC
PLCC
3857 ILL F22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X28HC64
A3
A4
A5
A6
A7
A12
NC
NC
VCC
NC
WE
NC
A8
A9
A11
OE
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A2
A1
A0
I/O0
I/O1
I/O2
NC
VSS
NC
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
TSOP
3857 FHD F02.1
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3
X28HC64
PLASTIC DIP
FLAT PACK
CERDIP
SOIC
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
JEDEC Approved Byte-Wide Pinout
DESCRIPTION
The X28HC64 is an 8K x 8 E2PROM, fabricated with
Xicor’s proprietary, high performance, floating gate
CMOS technology. Like all Xicor programmable non-
volatile memories the X28HC64 is a 5V only device. The
X28HC64 features the JEDEC approved pinout for byte-
wide memories, compatible with industry standard RAMs.
The X28HC64 supports a 64-byte page write operation,
effectively providing a 32
µs/byte write cycle and en-
abling the entire memory to be typically written in 0.25
seconds. The X28HC64 also features
DATA Polling and
Toggle Bit Polling, two methods providing early end of
write detection. In addition, the X28HC64 includes a
user-optional software data protection mode that further
enhances Xicor’s hardware write protect capability.
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data re-
tention is greater than 100 years.
PGA
X28HC64
11
I/O0
10
A0
14
VSS
9
A1
8
A2
7
A3
6
A4
5
A5
2
A12
28
VCC
12
I/O1
13
I/O2
15
I/O3
4
A6
3
A7
1
NC
16
I/O4
20
CE
22
OE
24
A9
17
I/O5
27
WE
19
I/O7
21
A10
23
A11
25
A8
18
I/O6
26
NC
BOTTOM VIEW
3857 FHD F04


Similar Part No. - X28HC64JI-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64JI-12 INTERSIL-X28HC64JI-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64JI-12 INTERSIL-X28HC64JI-12 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64JI-12 INTERSIL-X28HC64JI-12 Datasheet
396Kb / 18P
   5 Volt, Byte Alterable EEPR
August 18, 2015
logo
Renesas Technology Corp
X28HC64JI-12 RENESAS-X28HC64JI-12 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64JI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com