Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PC4617R
Description  NPN general-purpose transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PC4617R Datasheet(HTML) 4 Page - NXP Semiconductors

  2PC4617R Datasheet HTML 1Page - NXP Semiconductors 2PC4617R Datasheet HTML 2Page - NXP Semiconductors 2PC4617R Datasheet HTML 3Page - NXP Semiconductors 2PC4617R Datasheet HTML 4Page - NXP Semiconductors 2PC4617R Datasheet HTML 5Page - NXP Semiconductors 2PC4617R Datasheet HTML 6Page - NXP Semiconductors 2PC4617R Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2PC4617_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2009
4 of 7
NXP Semiconductors
2PC4617
NPN general-purpose transistor
8.
Package outline
Fig 1.
Package outline SOT416 (SC-75)
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT416
04-11-04
06-03-16


Similar Part No. - 2PC4617R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PC4617R PHILIPS-2PC4617R Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
logo
Nexperia B.V. All right...
2PC4617R NEXPERIA-2PC4617R Datasheet
205Kb / 8P
   NPN general-purpose transistor
Rev. 05 - 17 November 2009
logo
NXP Semiconductors
2PC4617RM NXP-2PC4617RM Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
logo
Nexperia B.V. All right...
2PC4617RM NEXPERIA-2PC4617RM Datasheet
396Kb / 7P
   NPN general purpose transistors
2003 Jul 15
2PC4617RM NEXPERIA-2PC4617RM Datasheet
396Kb / 7P
   NPN general purpose transistors
2003 Jul 15
More results

Similar Description - 2PC4617R

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com