Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT544 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT544
Description  Octal latched transceiver with dual enable; inverting; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT544 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT544 Datasheet HTML 2Page - NXP Semiconductors 74ABT544 Datasheet HTML 3Page - NXP Semiconductors 74ABT544 Datasheet HTML 4Page - NXP Semiconductors 74ABT544 Datasheet HTML 5Page - NXP Semiconductors 74ABT544 Datasheet HTML 6Page - NXP Semiconductors 74ABT544 Datasheet HTML 7Page - NXP Semiconductors 74ABT544 Datasheet HTML 8Page - NXP Semiconductors 74ABT544 Datasheet HTML 9Page - NXP Semiconductors 74ABT544 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74ABT544_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
6 of 15
NXP Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
[1]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
[2]
This parameter is valid for any VCC between 0 V and 2.1 V, with a transition time of up to 10 ms. From VCC = 2.1 V to VCC =5V ± 10 %,
a transition time of up to 100 ms is permitted.
[3]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[4]
This is the increase in supply current for each input at 3.4 V.
10. Dynamic characteristics
VOL(pu)
power-up LOW-level
output voltage
VCC = 5.5 V; IO = 1 mA;
VI = GND or VCC
[1]
-
0.13
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
control pins
-
±0.01 ±1.0
-
±1.0
µA
An, Bn
-
±5.0 ±100
-
±100
µA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
µA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.1 V; VO = 0.5 V;
VI = GND or VCC;
OEAB, OEBA don’t care
[2]
-
±5.0
±50
-
±50
µA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
VO = 2.7 V
-
5.0
50
-
50
µA
VO = 0.5 V
-
−5.0
−50
-
−50
µA
ILO
output leakage current HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
5.0
50
-
50
µA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[3]
−180 −65
−50
−180
−50
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
110
250
-
250
µA
outputs LOW-state
-
20
30
-
30
mA
outputs disabled
-
110
250
-
250
µA
∆ICC
additional supply
current
per input pin; VCC = 5.5 V;
one input pin at 3.4 V, other inputs
at VCC or GND
[4]
-
0.3
1.5
-
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-4-
-
-
pF
CI/O
input/output
capacitance
outputs disabled; VO = 0 V or VCC
-7-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 10.
Symbol Parameter
Conditions
25
°C; VCC = 5.0 V −40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
An to Bn or Bn to An; see Figure 5
1.7
3.0
3.8
1.7
4.7
ns
LEBA to An or LEAB to Bn; see Figure 6
2.1
3.5
4.2
2.1
5.2
ns


Similar Part No. - 74ABT544

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544D PHILIPS-74ABT544D Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544D PHILIPS-74ABT544D Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
More results

Similar Description - 74ABT544

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com