Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT646APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT646APW
Description  Octal bus transceiver/register; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT646APW Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT646APW Datasheet HTML 1Page - NXP Semiconductors 74ABT646APW Datasheet HTML 2Page - NXP Semiconductors 74ABT646APW Datasheet HTML 3Page - NXP Semiconductors 74ABT646APW Datasheet HTML 4Page - NXP Semiconductors 74ABT646APW Datasheet HTML 5Page - NXP Semiconductors 74ABT646APW Datasheet HTML 6Page - NXP Semiconductors 74ABT646APW Datasheet HTML 7Page - NXP Semiconductors 74ABT646APW Datasheet HTML 8Page - NXP Semiconductors 74ABT646APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74ABT646A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
4 of 19
NXP Semiconductors
74ABT646A
Octal bus transceiver/register; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration
74ABT646A
CPAB
VCC
SAB
CPBA
DIR
SBA
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
001aae890
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 2.
Pin description
Symbol
Pin
Description
CPAB
1
A to B clock input
SAB
2
A to B select input
DIR
3
direction control input
A0, A1, A2, A3, A4, A5, A6, A7
4, 5, 6, 7, 8, 9, 10, 11
data input/output (A side)
GND
12
ground (0 V)
B0, B1, B2, B3, B4, B5, B6, B7
20, 19, 18, 17, 16, 15, 14, 13
data input/output (B side)
OE
21
output enable input (active LOW)
SBA
22
B to A select input
CPBA
23
B to A clock input
VCC
24
positive supply voltage


Similar Part No. - 74ABT646APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646APW PHILIPS-74ABT646APW Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
More results

Similar Description - 74ABT646APW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com