Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT823D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT823D
Description  9-bit D-type flip-flop with reset and enable; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT823D Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT823D Datasheet HTML 1Page - NXP Semiconductors 74ABT823D Datasheet HTML 2Page - NXP Semiconductors 74ABT823D Datasheet HTML 3Page - NXP Semiconductors 74ABT823D Datasheet HTML 4Page - NXP Semiconductors 74ABT823D Datasheet HTML 5Page - NXP Semiconductors 74ABT823D Datasheet HTML 6Page - NXP Semiconductors 74ABT823D Datasheet HTML 7Page - NXP Semiconductors 74ABT823D Datasheet HTML 8Page - NXP Semiconductors 74ABT823D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ABT823_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2010
4 of 17
NXP Semiconductors
74ABT823
9-bit D-type flip-flop with reset and enable; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration
74ABT823
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
D8
Q8
MR
CE
GND
CP
001aal300
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 2.
Pin description
Symbol
Pin
Description
OE
1
output enable input (active LOW)
D0, D1, D2, D3, D4, D5, D6, D7, D8
2, 3, 4, 5, 6, 7, 8, 9, 10
data input
MR
11
master reset input (active LOW)
GND
12
ground (0 V)
CP
13
clock pulse input (active rising edge)
CE
14
clock enable input (active LOW)
Q8, Q7, Q6, Q5, Q4, Q3, Q3, Q2, Q1, Q0 15, 16, 17, 18, 19, 20, 21, 22, 23
data output
VCC
24
positive supply voltage


Similar Part No. - 74ABT823D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823D PHILIPS-74ABT823D Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823DB PHILIPS-74ABT823DB Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
More results

Similar Description - 74ABT823D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com