Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT657PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT657PW
Description  Octal transceiver with parity generator/checker; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT657PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT657PW Datasheet HTML 1Page - NXP Semiconductors 74ABT657PW Datasheet HTML 2Page - NXP Semiconductors 74ABT657PW Datasheet HTML 3Page - NXP Semiconductors 74ABT657PW Datasheet HTML 4Page - NXP Semiconductors 74ABT657PW Datasheet HTML 5Page - NXP Semiconductors 74ABT657PW Datasheet HTML 6Page - NXP Semiconductors 74ABT657PW Datasheet HTML 7Page - NXP Semiconductors 74ABT657PW Datasheet HTML 8Page - NXP Semiconductors 74ABT657PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ABT657_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 March 2010
2 of 17
NXP Semiconductors
74ABT657
Octal transceiver with parity generator/checker; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT657D
−40 °C to +85 °C
SO24
plastic small outline package; 24 leads; body width 7.5 mm SOT137-1
74ABT657DB
−40 °C to +85 °C
SSOP24
plastic shrink small outline package; 24 leads; body width
5.3 mm
SOT340-1
74ABT657PW
−40 °C to +85 °C
TSSOP24 plastic thin shrink small outline package; 24 leads; body
width 4.4 mm
SOT355-1
Fig 1.
Logic symbol
001aae826
A0
2
23
11
24
1
B0
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
T/R
OE
PARITY
ERROR
ODD/EVEN
3
22
4
21
5
20
6
17
8
16
9
15
10
13
12
14
Fig 2.
IEC logic symbol
001aae827
223
=
1,3[EVEN]
1,4[ODD]
0,3[EVEN
0,4]ODD
2K
G3[EVEN]
G4[ODD]
1
0
0
2
M
0 BUS B TO A
1 BUS A TO B
2 HIGH Z
322
421
520
617
816
915
10
14
2
0
11
24
1
12
13


Similar Part No. - 74ABT657PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657PW PHILIPS-74ABT657PW Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657PWDH PHILIPS-74ABT657PWDH Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
More results

Similar Description - 74ABT657PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com