Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT841DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT841DB
Description  10-bit bus interface latch; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT841DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT841DB Datasheet HTML 1Page - NXP Semiconductors 74ABT841DB Datasheet HTML 2Page - NXP Semiconductors 74ABT841DB Datasheet HTML 3Page - NXP Semiconductors 74ABT841DB Datasheet HTML 4Page - NXP Semiconductors 74ABT841DB Datasheet HTML 5Page - NXP Semiconductors 74ABT841DB Datasheet HTML 6Page - NXP Semiconductors 74ABT841DB Datasheet HTML 7Page - NXP Semiconductors 74ABT841DB Datasheet HTML 8Page - NXP Semiconductors 74ABT841DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74ABT841_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 March 2010
5 of 15
NXP Semiconductors
74ABT841
10-bit bus interface latch; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
VI
input voltage
0
-
VCC
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
−32
-
-
mA
IOL
LOW-level output current
-
-
64
mA
Δt/ΔV
input transition rise and fall rate
0
-
5
ns/V
Tamb
ambient temperature
in free air
−40
-
+85
°C
Table 6.
Static characteristics
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage
VCC = 4.5 V; IIK = −18 mA
−1.2
−0.9
-
−1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
3.5
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
4.0
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.6
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL = 64 mA;
VI = VIL or VIH
-
0.42
0.55
-
0.55
V
VOL(pu)
power-up LOW-level
output voltage
VCC = 5.5 V; IO = 1 mA;
VI = GND or VCC
[1]
-
0.13
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
control pins
-
±0.01 ±1.0
-
±1.0
μA
data pins
-
±5
±100
-
±100
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
μA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO = 0.5 V;
VI = GND or VCC; OEn HIGH
[2]
-
±5.0
±50
-
±50
μA
IOZ
OFF-state output current VCC = 5.5 V; VI = VIL or VIH
VO = 2.7 V
-
5.0
50
-
50
μA
VO = 0.5 V
-
−5.0
−50
-
−50
μA
ILO
output leakage current
HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[3]
−180 −100
−50
−180
−50
mA


Similar Part No. - 74ABT841DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results

Similar Description - 74ABT841DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com