Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAR1410RBC9P Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # UAR1410RBC9P
Description  UAR Low Noise High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR1410RBC9P Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  UAR1410RBC9P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR1410RBC9P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR1410RBC9P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
210R
B
C6
UAR1/8
P
03 of 03
Resistance Value (Ω):
Code
Resistance Tolerance (%)
A2
±0.02%
A5
±0.05%
B
±0.10
C
±0.25
D
±0.50
F
±1.00
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C5
±15ppm/°C
C6
±10ppm/°C
C7
±5ppm/°C
C9
±3ppm/°C
Temperature Coefficient (ppm/°C)
Package: P (Bulk)
Code
Resistance Value (Ω)
10R
10Ω
210R
210Ω
2K1
2.1KΩ
21K
21KΩ
Part Number:UAR1/4
UAR1/8
UAR1/10
Version 2010
UAR Low Noise High Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - High Precision Resistors (UAR)


Similar Part No. - UAR1410RBC9P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UAR1/4210RA2C5P TOKEN-UAR1/4210RA2C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C6P TOKEN-UAR1/4210RA2C6P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C7P TOKEN-UAR1/4210RA2C7P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C9P TOKEN-UAR1/4210RA2C9P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA5C5P TOKEN-UAR1/4210RA5C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
More results

Similar Description - UAR1410RBC9P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
   RE High Precision Low TCR Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com