Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4-3C90-A160-E Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E4-3C90-A160-E
Description  Planar E cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E4-3C90-A160-E Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E4-3C90-A160-E Datasheet HTML 1Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 6Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 7Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 8Page - Ferroxcube International Holding B.V. E4-3C90-A160-E Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2008 Sep 01
3
Ferroxcube
Planar E cores and accessories
E18/4/10
Core halves for use in combination with an non-gapped E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 20
±10 N, using a PCB
coil containing 4 layers of 8 tracks each, total height 1.6 mm.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
100
±3%
≈ 49
≈ 800
E18/4/10-3C90-A100-E
160
±3%
≈ 78
≈ 420
E18/4/10-3C90-A160-E
250
±5%
≈ 123
≈ 220
E18/4/10-3C90-A250-E
315
±8%
≈ 154
≈ 170
E18/4/10-3C90-A315-E
3200
±25%
≈ 1560
≈ 0
E18/4/10-3C90
3C92
2330
±25%
≈ 1140
≈ 0
E18/4/10-3C92
3C93
2700
±25%
≈ 1320
≈ 0
E18/4/10-3C93
3C94
100
±3%
≈ 49
≈ 800
E18/4/10-3C94-A100-E
160
±3%
≈ 78
≈ 420
E18/4/10-3C94-A160-E
250
±5%
≈ 123
≈ 220
E18/4/10-3C94-A250-E
315
±8%
≈ 154
≈ 170
E18/4/10-3C94-A315-E
3200
±25%
≈ 1560
≈ 0
E18/4/10-3C94
3C95
3800
±25%
≈ 1870
≈ 0
E18/4/10-3C95
3C96
2900
±25%
≈ 1410
≈ 0
E18/4/10-3C96
3F3
100
±3%
≈ 49
≈ 800
E18/4/10-3F3-A100-E
160
±3%
≈ 78
≈ 420
E18/4/10-3F3-A160-E
250
±5%
≈ 123
≈ 220
E18/4/10-3F3-A250-E
315
±8%
≈ 154
≈ 170
E18/4/10-3F3-A315-E
2700
±25%
≈ 1320
≈ 0
E18/4/10-3F3
3F35
2200
±25%
≈ 1070
≈ 0
E18/4/10-3F35
3F4
100
±3%
≈ 49
≈ 800
E18/4/10-3F4-A100-E
160
±3%
≈ 78
≈ 420
E18/4/10-3F4-A160-E
250
±5%
≈ 123
≈ 220
E18/4/10-3F4-A250-E
315
±8%
≈ 154
≈ 170
E18/4/10-3F4-A315-E
1550
±25%
≈ 760
≈ 0
E18/4/10-3F4
3F45
1550
±25%
≈ 760
≈ 0
E18/4/10-3F45
3E6
13500
+40/-30%
≈ 6600
≈ 0
E18/4/10-3E6


Similar Part No. - E4-3C90-A160-E

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
E4-CL RICHCO-E4-CL Datasheet
52Kb / 1P
   E CLAMPS
More results

Similar Description - E4-3C90-A160-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com