Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4-3F3-A160-E Datasheet(PDF) 8 Page - Ferroxcube International Holding B.V.

Part # E4-3F3-A160-E
Description  Planar E cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E4-3F3-A160-E Datasheet(HTML) 8 Page - Ferroxcube International Holding B.V.

Back Button E4-3F3-A160-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 6Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 7Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 8Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 9Page - Ferroxcube International Holding B.V. E4-3F3-A160-E Datasheet HTML 10Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2008 Sep 01
8
Ferroxcube
Planar E cores and accessories
E18/4/10
handbook, full pagewidth
CBW405
cover film
blister tape
direction of
unreeling
Fig.5 Construction of blister tape.
handbook, full pagewidth
CBW406
trailer
minimum number of
empty compartments
cover tape only
leader 552 mm
direction of unreeling
Fig.6 Leader/trailer tape.
Leader: length of leader tape is 552 mm minimum covered with cover tape.
Trailer: 160 mm minimum (secured with tape).
Storage temperature range for tape:
−25 to +45 °C.


Similar Part No. - E4-3F3-A160-E

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
E4-CL RICHCO-E4-CL Datasheet
52Kb / 1P
   E CLAMPS
More results

Similar Description - E4-3F3-A160-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com