Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALNTR0204102K Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TCALNTR0204102K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALNTR0204102K Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TCALNTR0204102K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCALNTR0204102K Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
Fixed Inductors (TCAL0510) Characteristics
Part Number
Inductance(µH) Q(min)
Freq.(MHz)
SRF(MHz)(min) DCR(Ω)(max)
RDC(mA)(max)
TCAL**0510-R56M
0.56±10%
50
25.2
280
0.14
1150
TCAL**0510-R68K
0.68±10%
50
25.2
250
0.15
1100
TCAL**0510-R82M
0.82±10%
50
25.2
220
0.22
900
TCAL**0510-1R0K
1.0±10%
50
25.2
200
0.29
785
TCAL**0510-1R2K
1.2±10%
33
7.96
180
0.42
650
TCAL**0510-1R5K
1.5±10%
33
7.96
160
0.50
600
TCAL**0510-1R8K
1.8±10%
33
7.96
150
0.65
525
TCAL**0510-2R2K
2.2±10%
33
7.96
135
0.95
435
TCAL**0510-2R7K
2.7±10%
33
7.96
120
1.5
385
TCAL**0510-3R3K
3.3±10%
33
7.96
110
2.0
300
TCAL**0510-3R9K
3.9±10%
33
7.96
100
2.3
280
TCAL**0510-4R7K
4.7±10%
33
7.96
90
2.8
260
TCAL**0510-5R6K
5.6±10%
45
7.96
60
0.32
495
TCAL**0510-6R8K
6.8±10%
45
7.96
55
0.5
395
TCAL**0510-8R2K
8.2±10%
45
7.96
50
0.6
360
TCAL**0510-100K
10±10%
45
7.96
45
0.9
290
TCAL**0510-120K
12±10%
60
2.52
42
1.2
265
TCAL**0510-150K
15±10%
65
2.52
40
1.7
240
TCAL**0510-180K
18±10%
65
2.52
34
2.3
185
TCAL**0510-220K
22±10%
65
2.52
30
2.6
175
TCAL**0510-270K
27±10%
45
2.52
25
2.0
170
TCAL**0510-330K
33±10%
45
2.52
19
2.3
165
TCAL**0510-390K
39±10%
45
2.52
15
2.5
165
TCAL**0510-470K
47±10%
45
2.52
14
2.6
165
TCAL**0510-560K
56±10%
50
2.52
12
3.0
164
TCAL**0510-680K
68±10%
50
2.52
11
3.3
156
TCAL**0510-820K
82±10%
50
2.52
10
3.9
143
TCAL**0510-101K
100±10%
50
2.52
9
4.5
133
TCAL**0510-121K
120±10%
60
0.796
8.5
5.2
124
TCAL**0510-151K
150±10%
40
0.796
7.8
6.18
114
TCAL**0510-181K
180±10%
60
0.796
7.0
6.8
108
TCAL**0510-221K
220±10%
60
0.796
6.2
7.5
103
TCAL**0510-271K
270±10%
60
0.796
5.6
8.2
103
TCAL**0510-331K
330±10%
60
0.796
5.0
9.1
102
TCAL**0510-391K
390±10%
60
0.796
4.5
10
102
TCAL**0510-471K
470±10%
60
0.796
4.0
11
100
TCAL**0510-561K
560±10%
60
0.796
3.6
12.3
85
TCAL**0510-681K
680±10%
60
0.796
3.6
13.7
81
TCAL**0510-821K
820±10%
60
0.796
1.32
3.1
180
TCAL**0510-102K
1000±10%
60
0.796
1.25
4.1
156
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Fixed Inductors (TCAL)


Similar Part No. - TCALNTR0204102K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALNTR0204102K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com