Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-D9W-K Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # AL-D9W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

AL-D9W-K Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  AL-D9W-K Datasheet HTML 1Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 2Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 3Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 4Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 5Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 6Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 7Page - Fujitsu Component Limited. AL-D9W-K Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(a)
SeriesName
A :ASeries
(b)
OperationFunction
Nil:Standardtype
L :Latchingtype
(c)
NumberofCoil
Nil:Singlewindingtype
D :Doublewindingtype
(d)
NominalVoltage
RefertotheCOILDATACHART
(e)
Contact
W :Bifurcatedtype
(f)
Enclosure
K :Plasticsealedtype
(g)
CoilSensitivity
Nil:Standard
HA:75%mustvoltageoperate
n
FEATURES
l
Extremely low profile and light weight
—Height:5mm
—Weight:approximately1.2g
l
MeetFCC(Part68)standard
l
ConformstoFCCrulesandregulationspart68
—Surgestrength1,500V
l
Highreliability—bifurcatedcontacts
l
Wideoperatingrange
l
DILpitchterminals
l
Plasticsealedtype
l
Latchingversionavailable
l
RoHScompliantsincedatecode:0437B8
Pleaseseepage7formoreinformation
n
ORDERING INFORMATION
A
L – D 12 W – K - HA
[Example]
(a) (b) (*) (c) (d) (e)(f)(g)
A SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
1
RoHS compliant
Note:Actualmarkingomitsthehyphen(-)of(*)


Similar Part No. - AL-D9W-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
AL-D9W-K LITEON-AL-D9W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results

Similar Description - AL-D9W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com