Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIC10P-14-3C30 Datasheet(PDF) 8 Page - Ferroxcube International Holding B.V.

Part # IIC10P-14-3C30
Description  Integrated inductive components
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

IIC10P-14-3C30 Datasheet(HTML) 8 Page - Ferroxcube International Holding B.V.

  IIC10P-14-3C30 Datasheet HTML 1Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 2Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 3Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 4Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 5Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 6Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 7Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 8Page - Ferroxcube International Holding B.V. IIC10P-14-3C30 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2008 Sep 01
923
Ferroxcube
Integrated inductive components
IIC10-14/4
Reel specifications
Storage requirements
These storage requirements should be observed in order to ensure the soldering of the exposed electrode:
• Maximum ambient temperature shall not exceed 40 °C. Storage temperature higher than 40 °C could result in the
deformation of packaging materials.
• Maximum relative humidity recommended for storage is 70% RH. High humidity with high temperature can accelerate
the oxidation of the tin-lead plating on the termination and reduce the solderability of the components.
• Products shall not bestored in environments with the presence of harmful gases containing sulfur or chlorine.
12.75 +
0.15
0
20.5
100
±5
330
±2
<28.4
CCB816
Fig.9 Reel.
Dimensions in mm.


Similar Part No. - IIC10P-14-3C30

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
IIC10P-14/4-3C30 FERYSTER-IIC10P-14/4-3C30 Datasheet
70Kb / 9P
   Integrated inductive components
IIC10P-14/4-3F35 FERYSTER-IIC10P-14/4-3F35 Datasheet
70Kb / 9P
   Integrated inductive components
IIC10P-14/4-3F4 FERYSTER-IIC10P-14/4-3F4 Datasheet
70Kb / 9P
   Integrated inductive components
More results

Similar Description - IIC10P-14-3C30

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
IIC2-14 FERROXCUBE-IIC2-14 Datasheet
73Kb / 7P
   Integrated inductive components
logo
FERYSTER Inductive Comp...
IIC10-14-4 FERYSTER-IIC10-14-4 Datasheet
70Kb / 9P
   Integrated inductive components
logo
List of Unclassifed Man...
5961001101 ETC2-5961001101 Datasheet
475Kb / 4P
   Inductive Components
logo
Maxim Integrated Produc...
MAXM17544 MAXIM-MAXM17544 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 0; 12/14
MAXM17503 MAXIM-MAXM17503 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 1; 4/15
logo
Ferroxcube Internationa...
F03_2012 FERROXCUBE-F03_2012 Datasheet
294Kb / 1P
   New reference numbers (12nc) and order data of integrated inductive components (IIC)
logo
EPCOS
B78421-P1579-A5 EPCOS-B78421-P1579-A5 Datasheet
555Kb / 4P
   Inductive Ferrite Components xDSL Interface Transformers
logo
Hotchip Technology Co.,...
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
   Highly integrated, minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
   Highly integrated, minimal peripheral components
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
   Highly integrated and minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com