Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALPTR02041R0M Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TCALPTR02041R0M
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALPTR02041R0M Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCALPTR02041R0M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALPTR02041R0M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
03 of 11
U Forming
TCALUB0204
TCALUB0307,TCALUB0410
TCALUB0510
B
A
W
F
C
A
W
F
C
B
Sym.
TCALUB0204
TCALUB0307
TCALUB0410
TCALUB0510
A (max)
2.80
3.00
4.00
5.00
B (max)
5.00
7.00
10.00
10.00
C (min)
3.60
3.60
3.60
3.60
F
6 ~ 15
10 ~ 20
12.5 ~ 20
12.5 ~ 20
W ± 0.05
0.50 Φ
0.50 Φ
0.65 Φ
0.65 Φ
(TCAL 0307 Series) Pana Forming
A
h
p
p2
H1
B
C
H 0
W2
P 0
F1
F
W1
H DO
h 1
Coating
Unit in mm
T
W0 W
A
B
C
D0
F
H
H0
H1
h
h1
3.00
(max)
7.00
(max)
3.00
+0.00
-1.00
4.00±0.3
5.00
+0.80
-0.20
19.00
+1.00
-0.30
16.00±0.5
28.50
(max)
0.00
±2.0
(±5°)
0.00
±2.0
(±5°)
P
P0
P1
P2
T
W
W0
W1
W2
12.7±1.0 12.7±0.3 3.85±0.7 6.35±1.3
0.7±0.2
18.00
+1.00
-0.50
13.00±1.0
9.00
+0.75
-0.50
4.00
(max)
Version 2010
TCAL Through Hole Fixed Inductors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCALPTR02041R0M

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALPTR02041R0M

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com