Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9-3H3-A63 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # P9-3H3-A63
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P9-3H3-A63 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  P9-3H3-A63 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P9-3H3-A63 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008 Sep 01
931
Ferroxcube
P cores and accessories
P9/5
COIL FORMERS
General data for coil former CP-P9/5-1S
Winding data and area product for coil former CP-P9/5-1S
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in
accordance with “UL 94V-0” ; UL file number E45329 (R)
Maximum operating temperature
155
°C, “IEC 60085”, class F
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
3.1
2.5
18.9
31.3
CP-P9/5-1S
handbook, full pagewidth
MGC213
4
0.1
0
3.5
0
0.1
2.7
0.1
0
7.35
0
0.1
1.5
4.78
0
0.1
Fig.3 Coil former: CP-P9/5-1S.
Dimensions in mm.


Similar Description - P9-3H3-A63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com