Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P36-3C81-A630 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # P36-3C81-A630
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P36-3C81-A630 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  P36-3C81-A630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P36-3C81-A630 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008 Sep 01
1018
Ferroxcube
P cores and accessories
P36/22
Core sets of high permeability grades
Clamping force for AL measurements, 350
± 50 N.
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E27
17500
±25%
≈ 3670
≈ 0
P36/22-3E27
GRADE
B (mT) at
CORELOSS(W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f= 100 kHz;
=100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C81
≥320
≤ 2.5
−−−
3C91
≥315
−≤ 0.6(1)
≤ 4.5(1)
3F3
≥315
−≤ 1.2
−≤ 2.0
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - P36-3C81-A630

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
P3601S-6-0098-N MOLEX-P3601S-6-0098-N Datasheet
55Kb / 1P
   36 AWG Microribbon Cable
logo
Teccor Electronics
P3602A TECCOR-P3602A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3602AAL LITTELFUSE-P3602AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P3602AALXX LITTELFUSE-P3602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P3602ABL LITTELFUSE-P3602ABL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P36-3C81-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com