Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ26-3C81-A315 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # PQ26-3C81-A315
Description  PQ cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PQ26-3C81-A315 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  PQ26-3C81-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PQ26-3C81-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PQ26-3C81-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PQ26-3C81-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PQ26-3C81-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PQ26-3C81-A315 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
PQ cores and accessories
PQ26/25
COIL FORMER
General data 12-pins PQ26/25 coil former
Winding data and area product for 12-pins PQ26/25 coil former
PARAMETER
SPECIFICATION
Coil former material
Polyethylene terephtalate (PET), glass-reinforced, flame retardant in
accordance with “UL 94V-0”; UL file number E41938
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60 068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60 068-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
47.5
13.6
56.4
5700
CPV-PQ26/25-1S-12P-Z
1
47.5
13.6
56.4
5700
CPV-PQ26/25-1S-12PD-Z
handbook, full pagewidth
25.4
29.75
max
2.4
min
14.2
26.6 max
15.65 max
13.55
26.05 max
21.85 max
0.64
3.8
7.6
12.3
min
7.2
min
MGB612
25.4
2.54
Fig.2 PQ26/25 coil former; 12-pins.
Dimensions in mm.


Similar Part No. - PQ26-3C81-A315

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
PQ26-20-K-12P-2620-2 FERYSTER-PQ26-20-K-12P-2620-2 Datasheet
98Kb / 1P
   PQ-26-20-K-12P-2620-2
PQ26-25-K-12P-2625 FERYSTER-PQ26-25-K-12P-2625 Datasheet
138Kb / 1P
   PHENOLIC PM-9820
More results

Similar Description - PQ26-3C81-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CPV-PQ16-1S-14P-Z FERROXCUBE-CPV-PQ16-1S-14P-Z Datasheet
22Kb / 1P
   PQ cores and accessories
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com