Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FTR-F1
Description  POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

  FTR-F1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-F1 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FTR-F1 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2007 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. November 29, 2007


Similar Part No. - FTR-F1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005T FUJITSU-FTR-F1AA005T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005V FUJITSU-FTR-F1AA005V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
More results

Similar Description - FTR-F1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1R FUJITSU-FTR-F1R Datasheet
645Kb / 7P
   FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com