Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GA1.5Z Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-B3GA1.5Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GA1.5Z Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-B3GA1.5Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GA1.5Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Ftr-B3 series
n
sPeCIFICatIONs
1
8
m
e
tI
pe
y
T
g
n
i
h
c
t
a
L
A
)
(
3
B
-
R
T
F
B
)
(
3
B
-
R
T
F
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
C
m
r
o
F
2
l
a
ir
e
t
a
m
t
c
a
t
n
o
C
nickel / Gold overlay silver palladium
r
e
v
li
s
y
a
lr
e
v
o
d
l
o
G
e
p
y
t
t
c
a
t
n
o
C
)
r
a
b
-
s
s
o
r
c
(
s
t
c
a
t
n
o
c
d
e
t
a
c
r
u
fi
B
e
c
n
a
t
s
i
s
e
r
t
c
a
t
n
o
C
)
e
u
l
a
v
l
a
iti
n
i(
m
5
7
m
u
m
i
x
a
m
,
(6VDC, 1A)
g
n
it
a
r
t
c
a
t
n
o
C
)
e
v
it
s
i
s
e
r
(
A
3
.
0
C
A
V
5
2
1
1A /
C
D
V
0
3
t
n
e
r
r
u
c
g
n
i
h
c
ti
w
s
/
g
n
i
y
r
r
a
c
m
u
m
i
x
a
M
A
2
r
e
w
o
p
g
n
i
h
c
ti
w
s
m
u
m
i
x
a
M
W
0
3
/
A
V
5
.
2
6
e
g
a
tl
o
v
g
n
i
h
c
ti
w
s
m
u
m
i
x
a
M
C
D
V
0
2
2
,
C
A
V
0
5
2
1
*
d
a
o
l
g
n
i
h
c
ti
w
s
m
u
m
i
n
i
M
*
A
m
1
0
.
0
,
C
D
V
m
0
1
1
li
o
C
)
C
˚
0
2
t
a
(
r
e
w
o
p
l
a
n
i
m
o
N
mW to 230mW
0
4
mW to 120mW
0
0
1
)
C
˚
0
2
t
a
(
r
e
w
o
p
e
t
a
r
e
p
O
mW to 130mW
0
mW to 68mW
7
5
)t
s
o
rf
o
n
(
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
C
˚
5
8
+
o
t
C
˚
0
4
-
e
m
i
T
e
u
l
a
V
e
t
a
r
e
p
O
)
e
c
n
u
o
b
t
u
o
h
ti
w
,
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
m
u
m
i
x
a
m
s
m
3
e
s
a
e
l
e
R
)
e
c
n
u
o
b
t
u
o
h
ti
w
,
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
m
u
m
i
x
a
m
s
m
3
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
5
6
10
x
0
2
6
)
d
a
o
l
e
v
it
s
i
s
e
r
(
l
a
c
ir
t
c
e
l
E
0
1
x
0
0
1
3
)
z
H
5
.
0
t
a
(
C
D
V
0
3
A
1
t
a
.
n
i
m
s
n
o
it
a
r
e
p
o
0
1
x
0
0
1
3
)
z
H
5
.
0
t
a
(
C
D
V
5
2
1
A
3
.
0
t
a
.
n
i
m
s
n
o
it
a
r
e
p
o
r
e
h
t
O
n
o
it
a
r
b
i
V
e
c
n
a
t
s
i
s
e
r
n
o
it
c
n
u
fl
a
M
m
m
3
.
3
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
e
c
n
a
r
u
d
n
E
m
m
5
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
k
c
o
h
S
e
c
n
a
t
s
i
s
e
r
n
o
it
c
n
u
fl
a
M
s
/
m
0
5
7
.
n
i
M
2
e
c
n
a
r
u
d
n
E
s
/
m
0
0
0
1
.
n
i
M
2
t
h
g
i
e
W
g
8
.
0
y
l
e
t
a
m
i
x
o
r
p
p
A
ops. min. (at 3Hz)
ops. min. (at 3Hz)
Standard Type
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the
actual load before production since reference values may vary according to switching frequencies, environmental
conditions and expected reliability levels.


Similar Part No. - FTR-B3GA1.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GA1.5Z-B10 FUJITSU-FTR-B3GA1.5Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
FTR-B3GA1.5Z-RF FUJITSU-FTR-B3GA1.5Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GA1.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com