Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B4CA006Z Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-B4CA006Z
Description  ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4CA006Z Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-B4CA006Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4CA006Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FTR-B4 Series
4
n
SPECIFICATIONS
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwith
theactualloadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,
envionmentalconditionsandexpectedreliabilitylevels.
StandardType
LatchingType
FTR-B4()A
FTR-B4()B
Contact
Arrangement
2FormC
Contactmaterial
Goldoverlaysilvernickel/Goldoverlaysilver
palladium
Contacttype
Bifurcatedcontact(cross-bar)
Contactresistance(initialvalue)
100mΩmaximumat6VDC1
Contactrating
30VDC1A,125VAC0.3A(resistive)
Maximumcarryingcurrent
2A
Maximumswitchingpower
62.5VA/30W
Maximumswitchingvoltage
250VAC/220VDC
Minimumswitchingload*
10mVDC,0.01mA*
Coil
Nominalpower(at20°C)
140mWupto230mW 100mWupto130mW
Operatepower(at20°C)
80mWupto130mW
57mWupto68mW
Operatingtemperature(nofrost)
-40°Cto+85°C
Timevalue Operate(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(set)
Release(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(reset)
Life
Mechanical
50x106operations
20x106operations
Electrical(resistive
load)
DCload
100x103ops.min.at1A,30VDC(at0.5Hz)
ACload
100x103ops.min.at0.3A,125VAC(at0.5Hz)
Vibration
resistance
Misoperation
10to55Hzatdoubleamplitudeof3mm
Endurance
10to55Hzatdoubleamplitudeof5mm
Shock
resistance
Misoperation
Min.750m/s2
Endurance
Min.1,000m/s2
Weight
Approximately1.0g
US/CSA
Contactrating
0.5A,125VAC;1A,30VDC;0.3A,110VDC
Note:Allvaluesinthetablearemeasuredat20˚C.
*1:Nocontactcurrentat20°C.Pleasesee‘operatingrange’dataforotherconditions.
*2:Specifiedvaluesaresubjecttopulsewavevoltage.
Coil
Voltage
Nominal
Voltage
(VDC)
Max.Coil
Voltage*1
CoilResistance
(±10%)
MustOperate
Voltage*2
MustRelease
Voltage*2
Set/Re-set
current
Nominal
Power
(mW)
1.5
1.5
3.53VDC
22.5Ω
1.13VDC
-0.13VDC
50mA
100
003
3
7.05VDC
90Ω
2.25VDC
-2.25VDC
25mA
4.5
4.5
10.58VDC
203Ω
3.38VDC
-3.38VDC
17mA
006
6
14.10VDC
360Ω
4.5VDC
-4.5VDC
13mA
009
9
21.15VDC
810Ω
6.75VDC
-6.75VDC
8mA
012
12
28.20VDC
1,440Ω
9.0VDC
-9.0VDC
6mA
024
24
56.40VDC
4,800Ω
18.0VDC
-18.0VDC
4mA
120
Latchingtype(1coil)


Similar Part No. - FTR-B4CA006Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4CA006Z-B05 FUJITSU-FTR-B4CA006Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
More results

Similar Description - FTR-B4CA006Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com