Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3SB009Z-RF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-B3SB009Z-RF
Description  ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3SB009Z-RF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-B3SB009Z-RF Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3SB009Z-RF Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Ftr-B3-rF series
n
speCIFICatIONs
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the
actual load before production since reference values may vary according to switching frequencies, environmental
conditions and expected reliability levels.
Standard Type
FTR-B3G( ) ( )Z-RF
Contact
Arrangement
2 Form C (SPDT)
Contact material
Gold overlay silver alloy
Contact type
Bifurcated contact
Contact resistance (initial value)
75mΩ maximum
Contact rating (resistive)
125 VAC 0.3 A, 30 VDC 1A, 1GHz 1W
Maximum carrying current
2A
Maximum switching power
62.5 VA / 30W
Maximum switching voltage
30 VDC
Minimum switching current
1 A
High frequency
characteristics
Isolation
30dB min. (at 1GHz)
Insertion loss
0.2dB max. (at 1GHz)
V.S.W.R.
1.2 max. (at 1GHz)
Maximum carrying power
1W (at 1GHz)
Maximum switching power
3W (at 1GHz)
Coil
Nominal power (at 20°C)
0.2 W
Operate power (at 20°C)
0.1W
Operating temperature (no frost)
-40°C to +85°C
Time value
Operate (at nominal voltage)
3ms maximum
Release (at 0V without diode)
3ms maximum
Set/Reset pulse
0ms minimum at nominal voltage
Life
Mechanical
50 x 06 operations minimum
Electrical
00 x 03 operations minimum
Vibration
resistance
Misoperation
10 to 55 Hz at double amplitude of 3.3 mm
Endurance
10 to 55 Hz at double amplitude of 5.0 mm
Shock
resistance
Misoperation
750 m/s2 (±ms)
Endurance
1,000 m/s2 (6±1ms)
Weight
Approximately 1.3 g
Item
FTR-B3-RF
Note
Resistance
Minimum 1,000 MΩ
at 500 VDC
Dielectric
Strength
between open contacts
750 VAC 1 min.
between adjacent contacts
750 VAC 1 min.
between coil and contacts
750 VAC 1 min.
between metal shield and coil/contacts 500 VAC 1 min.
n
INsuLatION


Similar Part No. - FTR-B3SB009Z-RF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3SB009Z FUJITSU-FTR-B3SB009Z Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
More results

Similar Description - FTR-B3SB009Z-RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
DB Lectro Inc
3E-5 DBLECTRO-3E-5 Datasheet
720Kb / 2P
   Miniature Surface Mount Form C
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
STATEK CORPORATION
CXOX STATEK-CXOX Datasheet
85Kb / 2P
   Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
logo
Omron Electronics LLC
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com