Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GB009Z Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FTR-B3GB009Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GB009Z Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FTR-B3GB009Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 10Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 11Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 12Page - Fujitsu Component Limited. FTR-B3GB009Z Datasheet HTML 13Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image

Ftr-B3 series
n
reCOMMeNDeD sOLDerING CONDItIONs FOr sMt
(teMPerature PrOFILe)
IRS (Infrared Reflow Soldering)
T 3
T 2
T 
T 3 = 250C max.
T 2 = 220C max.
T  = 130C max.
0
soldering
preheating
cooling
120 sec maximum 30 sec
Max.
VPS (Vapor Phase Soldering)
T 3
T 2
T 
T 3 = 200C maximum
T 2 = 165C maximum
T  = 100C maximum
0
soldering
preheating
cooling
90 sec Max.
60 sec Max.
60 sec Max.
215C maximum
Note: 1.Temperature profiles show the temperature of PC board surface.
2.Please perform soldering test with your actual PC board before mass production, since the temperatures of
PC board surfaces vary according to the size of PC board, status of parts mounting and heating method.
n
PreCautIONs
- For details on general precautions, refer to the section on technical descriptions.
- Since this is a polarized relay, follow the instructions of the internal wiring diagram for the ± connections of the coil.
- Note that the terminal layout and internal wiring of the surface mount relay are a top view


Similar Part No. - FTR-B3GB009Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GB009Z-RF FUJITSU-FTR-B3GB009Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GB009Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com