Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B4SB4.5Z Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-B4SB4.5Z
Description  ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4SB4.5Z Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FTR-B4SB4.5Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B4SB4.5Z Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FTR-B4 Series
6
n
REFERENCE DATA
100
80
60
40
20
0
10
20
30
40
50
60
70
80
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
FTR-B4GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Operate
and Release Time
Time (ms)
FTR-B4GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Bounce Time
FTR-B4GA4.5Z
N=100
Operate
Release
Time (ms)
150
100
50
0
1
3 5 7 10
30 50 70 100
300500 700 1000
High Frequency Characteristics
Frequency (MHz)
FTR-B4GA4.5Z
n=2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
10
30 50 70
3 5 7
1000
100
300 500700
High Frequency Characteristics
Frequency (MHz)
FTR-B4GA4.5Z
n=2
100
90
80
70
60
50
40
30
20
10
0
n=100
FTR-B4GA4.5Z
100
90
80
70
60
50
40
30
20
10
0
Contactresistance(mΩ)
Distributionofcontactresistance
Make
Break
●Standardtype
●Latchingtype
FTR-B4GB4.5Z
n=100
0
10
20
30
40
50
60
70
80
90
100
10 20 30 40 50 60 70 80
0
DistributionofOperate
andReleaseVoltage
NominalVoltageMultiplyingFactor(%)
Operate
Release
5
4
3
2
1
0
FTR-B4GA4.5Z
n=100
0
10
20
30
40
50
60
70
80
90
100
DistributionofBounceTime
Time(ms)
Operate
Release
FTR-B4GA4.5Z
n=100
0
10
20
30
40
50
60
70
80
90
100
5
4
3
2
1
0
DistributionofBounceTime
Time(ms)
Operate
Release
0 10 20 30 40 50 60 70 80 90 100
FTR-B4GA4.5Z
n=100
0
10
20
30
40
50
60
70
80
90
100
Contactresistance(mΩ)
Distributionofcontactresistance
Make
Break
0
150
1000
1
10
100
50
100
FTR-B4GB4.5Z
n=2
HighFrequencyCharacteristics
Frequency(MHz)
n=2
FTR-B4GB4.5Z
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
100
10
1
1000
3.6
0
HighFrequencyCharacteristics
Frequency(MHz)


Similar Part No. - FTR-B4SB4.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4SB4.5Z-B05 FUJITSU-FTR-B4SB4.5Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
More results

Similar Description - FTR-B4SB4.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com