Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA45-ABCBR120C0 Datasheet(PDF) 2 Page - Schurter Inc.

Part # TA45-ABCBR120C0
Description  IEC Appliance Inlet C14 with Circuit Breaker TA45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-ABCBR120C0 Datasheet(HTML) 2 Page - Schurter Inc.

  TA45-ABCBR120C0 Datasheet HTML 1Page - Schurter Inc. TA45-ABCBR120C0 Datasheet HTML 2Page - Schurter Inc. TA45-ABCBR120C0 Datasheet HTML 3Page - Schurter Inc. TA45-ABCBR120C0 Datasheet HTML 4Page - Schurter Inc. TA45-ABCBR120C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image

Power entry modules without line filter
645
www.schurter.com/pg05
Connectors
Dimensions
91.5mm
43
M3/ø 3.6
2
1
Detail A
24.2
67.5*
13.5
6.3x0.8mm
6.3x0.8mm
36
R 3
29
0
-0.5
0
+0.2
* --- Version TA45 with undervoltage release
Diagrams
Diagram
1) Line
2) Load


Similar Part No. - TA45-ABCBR120C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-ABKTFZ05 SCHURTER-TA45-ABKTFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKTHZ05 SCHURTER-TA45-ABKTHZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKUFZ05 SCHURTER-TA45-ABKUFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKUHZ05 SCHURTER-TA45-ABKUHZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
TA45-ABKVFZ05 SCHURTER-TA45-ABKVFZ05 Datasheet
517Kb / 19P
   CIRCUIT BREAKERS FOR EQUIPMENT
More results

Similar Description - TA45-ABCBR120C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_18 Datasheet
622Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_17 Datasheet
508Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
5145 SCHURTER-5145_17 Datasheet
805Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com